Electronic Components Datasheet Search
  English  ▼

X  

AM6442 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # AM6442
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6442 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AM6442 Datasheet HTML 28Page - Texas Instruments AM6442 Datasheet HTML 29Page - Texas Instruments AM6442 Datasheet HTML 30Page - Texas Instruments AM6442 Datasheet HTML 31Page - Texas Instruments AM6442 Datasheet HTML 32Page - Texas Instruments AM6442 Datasheet HTML 33Page - Texas Instruments AM6442 Datasheet HTML 34Page - Texas Instruments AM6442 Datasheet HTML 35Page - Texas Instruments AM6442 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 237 page
background image
Table 6-1. Pin Attributes (ALV Package) (continued)
BALL NUMBER
BALL NAME
SIGNAL NAME
MUX
MODE
TYPE
DSIS
BALL
RESET
STATE
BALL
RESET
REL.
STATE
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE
POWER
HYS
BUFFER
TYPE
PULL UP/
DOWN
TYPE
RXACTIVE
/
TXDISABL
E
AA5
PRG0_PRU0_GPO10
PRG0_PRU0_GPO10
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV1
Yes
LVCMOS
PU/PD
0/1
PRG0_PRU0_GPI10
1
I
0
0/1
PRG0_UART0_RTSn
2
O
0/1
PRG0_PWM2_B1
3
IO
1
0/1
RGMII1_RXC
4
I
0
0/1
RMII_REF_CLK
5
I
0
0/1
PRG0_IEP0_EDIO_DATA_IN_OUT29 6
IO
0
0/1
GPIO1_10
7
IO
pad
0/1
UART3_RXD
10
I
1
0/1
Y3
PRG0_PRU0_GPO11
PRG0_PRU0_GPO11
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV1
Yes
LVCMOS
PU/PD
0/1
PRG0_PRU0_GPI11
1
I
0
0/1
PRG0_RGMII1_TD0
2
O
0/1
PRG0_PWM3_TZ_OUT
3
O
0/1
GPIO1_11
7
IO
pad
0/1
UART4_RXD
10
I
1
0/1
AA3
PRG0_PRU0_GPO12
PRG0_PRU0_GPO12
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV1
Yes
LVCMOS
PU/PD
0/1
PRG0_PRU0_GPI12
1
I
0
0/1
PRG0_RGMII1_TD1
2
O
0/1
PRG0_PWM0_A0
3
IO
0
0/1
GPIO1_12
7
IO
pad
0/1
GPMC0_A14
9
OZ
0/1
R6
PRG0_PRU0_GPO13
PRG0_PRU0_GPO13
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV1
Yes
LVCMOS
PU/PD
0/1
PRG0_PRU0_GPI13
1
I
0
0/1
PRG0_RGMII1_TD2
2
O
0/1
PRG0_PWM0_B0
3
IO
1
0/1
SPI3_D0
6
IO
0
0/1
GPIO1_13
7
IO
pad
0/1
GPMC0_A15
9
OZ
0/1
V4
PRG0_PRU0_GPO14
PRG0_PRU0_GPO14
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV1
Yes
LVCMOS
PU/PD
0/1
PRG0_PRU0_GPI14
1
I
0
0/1
PRG0_RGMII1_TD3
2
O
0/1
PRG0_PWM0_A1
3
IO
0
0/1
SPI3_D1
6
IO
0
0/1
GPIO1_14
7
IO
pad
0/1
GPMC0_A3
9
OZ
0/1
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com