Electronic Components Datasheet Search
  English  ▼

X  

AM6442 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AM6442
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6442 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AM6442 Datasheet HTML 17Page - Texas Instruments AM6442 Datasheet HTML 18Page - Texas Instruments AM6442 Datasheet HTML 19Page - Texas Instruments AM6442 Datasheet HTML 20Page - Texas Instruments AM6442 Datasheet HTML 21Page - Texas Instruments AM6442 Datasheet HTML 22Page - Texas Instruments AM6442 Datasheet HTML 23Page - Texas Instruments AM6442 Datasheet HTML 24Page - Texas Instruments AM6442 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 237 page
background image
Table 6-1. Pin Attributes (ALV Package) (continued)
BALL NUMBER
BALL NAME
SIGNAL NAME
MUX
MODE
TYPE
DSIS
BALL
RESET
STATE
BALL
RESET
REL.
STATE
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE
POWER
HYS
BUFFER
TYPE
PULL UP/
DOWN
TYPE
RXACTIVE
/
TXDISABL
E
Y21
GPMC0_AD14
GPMC0_AD14
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV3
Yes
LVCMOS
PU/PD
1/1
FSI_TX0_D0
1
O
1/1
UART6_RXD
2
I
1
1/1
EHRPWM3_B
3
IO
0
1/1
TRC_DATA12
6
O
1/1
GPIO0_29
7
IO
pad
1/1
PRG0_PWM3_B0
9
IO
1
1/1
BOOTMODE14
Bootstrap
I
1/1
Y20
GPMC0_AD15
GPMC0_AD15
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV3
Yes
LVCMOS
PU/PD
1/1
FSI_TX0_D1
1
O
1/1
UART6_TXD
2
O
1/1
EHRPWM3_SYNCI
3
I
0
1/1
TRC_DATA13
6
O
1/1
GPIO0_30
7
IO
pad
1/1
BOOTMODE15
Bootstrap
I
1/1
P17
GPMC0_BE0n_CLE
GPMC0_BE0n_CLE
0
O
OFF
7
1.8 V/3.3 V VDDSHV3
Yes
LVCMOS
PU/PD
0/1
FSI_TX1_D0
1
O
0/1
UART6_RTSn
2
O
0/1
EHRPWM_TZn_IN4
3
I
0
0/1
EHRPWM7_A
5
IO
0
0/1
TRC_DATA18
6
O
0/1
GPIO0_35
7
IO
pad
0/1
PRG1_PWM2_A1
9
IO
0
0/1
T19
GPMC0_BE1n
GPMC0_BE1n
0
O
OFF
7
1.8 V/3.3 V VDDSHV3
Yes
LVCMOS
PU/PD
0/1
FSI_TX0_CLK
1
O
0/1
EHRPWM5_A
3
IO
0
0/1
TRC_DATA19
6
O
0/1
GPIO0_36
7
IO
pad
0/1
PRG0_PWM3_A2
9
IO
0
0/1
R19
GPMC0_CSn0
GPMC0_CSn0
0
O
OFF
7
1.8 V/3.3 V VDDSHV3
Yes
LVCMOS
PU/PD
0/1
EQEP0_S
3
IO
0
0/1
TRC_DATA23
6
O
0/1
GPIO0_41
7
IO
pad
0/1
EHRPWM6_SYNCI
8
I
0
0/1
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com