Electronic Components Datasheet Search
  English  ▼

X  

AM6442 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # AM6442
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6442 Datasheet(HTML) 40 Page - Texas Instruments

Back Button AM6442 Datasheet HTML 36Page - Texas Instruments AM6442 Datasheet HTML 37Page - Texas Instruments AM6442 Datasheet HTML 38Page - Texas Instruments AM6442 Datasheet HTML 39Page - Texas Instruments AM6442 Datasheet HTML 40Page - Texas Instruments AM6442 Datasheet HTML 41Page - Texas Instruments AM6442 Datasheet HTML 42Page - Texas Instruments AM6442 Datasheet HTML 43Page - Texas Instruments AM6442 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 237 page
background image
Table 6-1. Pin Attributes (ALV Package) (continued)
BALL NUMBER
BALL NAME
SIGNAL NAME
MUX
MODE
TYPE
DSIS
BALL
RESET
STATE
BALL
RESET
REL.
STATE
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE
POWER
HYS
BUFFER
TYPE
PULL UP/
DOWN
TYPE
RXACTIVE
/
TXDISABL
E
AA7
PRG1_PRU0_GPO6
PRG1_PRU0_GPO6
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV2
Yes
LVCMOS
PU/PD
0/1
PRG1_PRU0_GPI6
1
I
0
0/1
PRG1_RGMII1_RXC
2
I
0
0/1
PRG1_PWM3_A1
3
IO
0
0/1
GPIO0_51
7
IO
pad
0/1
GPMC0_AD22
8
IO
0
0/1
U13
PRG1_PRU0_GPO7
PRG1_PRU0_GPO7
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV2
Yes
LVCMOS
PU/PD
0/1
PRG1_PRU0_GPI7
1
I
0
0/1
PRG1_IEP0_EDC_LATCH_IN1
2
I
0
0/1
PRG1_PWM3_B1
3
IO
1
0/1
CPTS0_HW2TSPUSH
4
I
0
0/1
CLKOUT0
5
O
0/1
TIMER_IO10
6
IO
0
0/1
GPIO0_52
7
IO
pad
0/1
GPMC0_AD23
8
IO
0
0/1
W13
PRG1_PRU0_GPO8
PRG1_PRU0_GPO8
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV2
Yes
LVCMOS
PU/PD
0/1
PRG1_PRU0_GPI8
1
I
0
0/1
PRG1_PWM2_A1
3
IO
0
0/1
RGMII1_RXC
4
I
0
0/1
GPIO0_53
7
IO
pad
0/1
GPMC0_AD24
8
IO
0
0/1
U15
PRG1_PRU0_GPO9
PRG1_PRU0_GPO9
0
IO
0
OFF
7
1.8 V/3.3 V VDDSHV2
Yes
LVCMOS
PU/PD
0/1
PRG1_PRU0_GPI9
1
I
0
0/1
PRG1_UART0_CTSn
2
I
1
0/1
PRG1_PWM3_TZ_IN
3
I
0
0/1
RGMII1_TX_CTL
4
O
0/1
RMII1_RX_ER
5
I
0
0/1
PRG1_IEP0_EDIO_DATA_IN_OUT28 6
IO
0
0/1
GPIO0_54
7
IO
pad
0/1
GPMC0_AD25
8
IO
0
0/1
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
40
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com