Electronic Components Datasheet Search
  English  ▼

X  

AM6442 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AM6442
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6442 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AM6442 Datasheet HTML 9Page - Texas Instruments AM6442 Datasheet HTML 10Page - Texas Instruments AM6442 Datasheet HTML 11Page - Texas Instruments AM6442 Datasheet HTML 12Page - Texas Instruments AM6442 Datasheet HTML 13Page - Texas Instruments AM6442 Datasheet HTML 14Page - Texas Instruments AM6442 Datasheet HTML 15Page - Texas Instruments AM6442 Datasheet HTML 16Page - Texas Instruments AM6442 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 237 page
background image
Table 6-1. Pin Attributes (ALV Package) (continued)
BALL NUMBER
BALL NAME
SIGNAL NAME
MUX
MODE
TYPE
DSIS
BALL
RESET
STATE
BALL
RESET
REL.
STATE
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE
POWER
HYS
BUFFER
TYPE
PULL UP/
DOWN
TYPE
RXACTIVE
/
TXDISABL
E
M5
DDR0_A12
DDR0_A12
O
1.1 V/1.2 V VDDS_DD
R,
VDDS_DD
R_C
DDR
K4
DDR0_A13
DDR0_A13
O
1.1 V/1.2 V VDDS_DD
R,
VDDS_DD
R_C
DDR
G4
DDR0_BA0
DDR0_BA0
O
1.1 V/1.2 V VDDS_DD
R,
VDDS_DD
R_C
DDR
G5
DDR0_BA1
DDR0_BA1
O
1.1 V/1.2 V VDDS_DD
R,
VDDS_DD
R_C
DDR
G2
DDR0_BG0
DDR0_BG0
O
1.1 V/1.2 V VDDS_DD
R,
VDDS_DD
R_C
DDR
H3
DDR0_BG1
DDR0_BG1
O
1.1 V/1.2 V VDDS_DD
R,
VDDS_DD
R_C
DDR
H5
DDR0_CAL0
DDR0_CAL0
A
1.1 V/1.2 V VDDS_DD
R,
VDDS_DD
R_C
DDR
F1
DDR0_CK0
DDR0_CK0
O
1.1 V/1.2 V VDDS_DD
R,
VDDS_DD
R_C
DDR
E1
DDR0_CK0_n
DDR0_CK0_n
O
1.1 V/1.2 V VDDS_DD
R,
VDDS_DD
R_C
DDR
F4
DDR0_CKE0
DDR0_CKE0
O
1.1 V/1.2 V VDDS_DD
R,
VDDS_DD
R_C
DDR
F3
DDR0_CKE1
DDR0_CKE1
O
1.1 V/1.2 V VDDS_DD
R,
VDDS_DD
R_C
DDR
E3
DDR0_CS0_n
DDR0_CS0_n
O
1.1 V/1.2 V VDDS_DD
R,
VDDS_DD
R_C
DDR
E4
DDR0_CS1_n
DDR0_CS1_n
O
1.1 V/1.2 V VDDS_DD
R,
VDDS_DD
R_C
DDR
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com