Electronic Components Datasheet Search
  English  ▼

X  

LTC1735 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC1735
Description  Surge Stopper with Fault Latchoff
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1735 Datasheet(HTML) 4 Page - Analog Devices

  LTC1735 Datasheet HTML 1Page - Analog Devices LTC1735 Datasheet HTML 2Page - Analog Devices LTC1735 Datasheet HTML 3Page - Analog Devices LTC1735 Datasheet HTML 4Page - Analog Devices LTC1735 Datasheet HTML 5Page - Analog Devices LTC1735 Datasheet HTML 6Page - Analog Devices LTC1735 Datasheet HTML 7Page - Analog Devices LTC1735 Datasheet HTML 8Page - Analog Devices LTC1735 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT4356-3
4
Rev D
For more information www.analog.com
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 12V unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to GND unless otherwise
specified.
Note 3: An internal clamp limits the GATE pin to a minimum of 10V above
the OUT pin. Driving this pin to voltages beyond the clamp may damage
the device.
Note 4: Resting voltage after turn-on.
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VSHDN
SHDN Pin Threshold
VCC = 12V to 48V
l
0.6
0.4
1.7
2.1
V
V
VSHDN(FLT) SHDN Pin Resting Voltage
VCC = 12V to 48V, Note 4
l
0.6
2.1
V
ISHDN
SHDN Pin Current
VSHDN = 0V
l
–1
–4
–8
µA
tOFF(OC)
Overcurrent Turn Off Delay Time
GATE From High to Low, ΔVSNS = 0 → 120mV; LT4356C,
LT4356I, LT4356H
LT4356MP
l
l
2
2
4
4.5
µs
µs
tOFF(OV)
Overvoltage Turn Off Delay Time
GATE From High to Low, VFB = 0 → 1.5V
l
0.25
1
µs
TYPICAL PERFORMANCE CHARACTERISTICS
ICC (Shutdown) vs VCC
ICC vs VCC
ICC (Shutdown) vs Temperature
VCC (V)
0
0
10
20
30
40
20
40
60
80
43563 G01
50
60
10
30
50
70
VCC (V)
0
0
200
400
600
20
40
60
80
43563 G02
800
1000
10
30
50
70
TEMPERATURE (°C)
–50
0
5
10
15
20
0
50
100 125
43563 G03
25
35
30
–25
25
75
Specifications are at VCC = 12V, TA = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com