Electronic Components Datasheet Search
  English  ▼

X  

LTC1735 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC1735
Description  Surge Stopper with Fault Latchoff
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1735 Datasheet(HTML) 2 Page - Analog Devices

  LTC1735 Datasheet HTML 1Page - Analog Devices LTC1735 Datasheet HTML 2Page - Analog Devices LTC1735 Datasheet HTML 3Page - Analog Devices LTC1735 Datasheet HTML 4Page - Analog Devices LTC1735 Datasheet HTML 5Page - Analog Devices LTC1735 Datasheet HTML 6Page - Analog Devices LTC1735 Datasheet HTML 7Page - Analog Devices LTC1735 Datasheet HTML 8Page - Analog Devices LTC1735 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT4356-3
2
Rev D
For more information www.analog.com
ORDER INFORMATION
VCC, SHDN ................................................ –60V to 100V
SNS.............................VCC – 30V or –60V to VCC + 0.3V
OUT, AOUT, FLT, EN..................................... –0.3V to 80V
GATE (Note 3) .................................–0.3V to VOUT + 10V
FB, TMR, IN+................................................ –0.3V to 6V
AOUT, EN, FLT, IN+.................................................. –3mA
Operating Temperature Range
LT4356C-3............................................... 0°C to 70°C
LT4356I-3 ............................................–40°C to 85°C
12
11
10
9
8
7
13
1
2
3
4
5
6
IN+
AOUT
GND
EN
FLT
SHDN
TMR
FB
OUT
GATE
SNS
VCC
TOP VIEW
DE PACKAGE
12-LEAD (4mm × 3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 13) PCB GND CONNECTION OPTIONAL
1
2
3
4
5
FB
OUT
GATE
SNS
VCC
10
9
8
7
6
TMR
GND
EN
FLT
SHDN
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 160°C/W
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 100°C/W
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TMR
FB
NC
OUT
GATE
NC
SNS
VCC
IN+
NC
AOUT
NC
GND
EN
FLT
SHDN
LT4356H-3......................................... –40°C to 125°C
LT4356MP-3 ...................................... –55°C to 125°C
Storage Temperature Range
DE12 .................................................. –65°C to 125°C
MS, SO .............................................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MS, SO .............................................................300°C
ABSOLUTE MAXIMUM RATINGS
PIN CONFIGURATION
(Notes 1 and 2)
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT4356CDE-3#PBF
LT4356CDE-3#TRPBF
43563
12-Lead (4mm × 3mm) Plastic DFN
0°C to 70°C
LT4356IDE-3#PBF
LT4356IDE-3#TRPBF
43563
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 85°C
LT4356HDE-3#PBF
LT4356HDE-3#TRPBF
43563
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT4356CMS-3#PBF
LT4356CMS-3#TRPBF
LTFFK
10-Lead Plastic MSOP
0°C to 70°C
LT4356IMS-3#PBF
LT4356IMS-3#TRPBF
LTFFK
10-Lead Plastic MSOP
–40°C to 85°C
LT4356HMS-3#PBF
LT4356HMS-3#TRPBF
LTFFK
10-Lead Plastic MSOP
–40°C to 125°C
LT4356MPMS-3#PBF
LT4356MPMS-3#TRPBF
LTGGZ
10-Lead Plastic MSOP
–55°C to 125°C
LT4356CS-3#PBF
LT4356CS-3#TRPBF
LT4356S-3
16-Lead Plastic SO
0°C to 70°C
LT4356IS-3#PBF
LT4356IS-3#TRPBF
LT4356S-3
16-Lead Plastic SO
–40°C to 85°C
LT4356HS-3#PBF
LT4356HS-3#TRPBF
LT4356S-3
16-Lead Plastic SO
–40°C to 125°C
LT4356MPS-3#PBF
LT4356MPS-3#TRPBF
LT4356MPS-3
16-Lead Plastic SO
–55°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com