Electronic Components Datasheet Search
  English  ▼

X  

LTC1735 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC1735
Description  Surge Stopper with Fault Latchoff
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1735 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC1735 Datasheet HTML 16Page - Analog Devices LTC1735 Datasheet HTML 17Page - Analog Devices LTC1735 Datasheet HTML 18Page - Analog Devices LTC1735 Datasheet HTML 19Page - Analog Devices LTC1735 Datasheet HTML 20Page - Analog Devices LTC1735 Datasheet HTML 21Page - Analog Devices LTC1735 Datasheet HTML 22Page - Analog Devices LTC1735 Datasheet HTML 23Page - Analog Devices LTC1735 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT4356-3
24
Rev D
For more information www.analog.com
ANALOG DEVICES, INC. 2009-2019
04/19
www.analog.com
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC1696
Overvoltage Protection Controller
ThinSOT™ Package, 2.7V to 28V
LTC1735
High Efficiency Synchronous Step-Down
Switching Regulator
Output Fault Protection, 16-Pin SSOP
LTC1778
No RSENSE™ Wide Input Range Synchronous
Step-Down Controller
Up to 97% Efficiency, 4V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ (0.9)(VIN),
IOUT Up to 20A
LTC2909
Triple/Dual Inputs UV/OV Negative Monitor
Pin Selectable Input Polarity Allows Negative and OV Monitoring
LTC2912/LTC2913
Single/Dual UV/OV Voltage Monitor
Ads UV and OV Trip Values, ±1.5% Threshold Accuracy
LTC2914
Quad UV/OV Monitor
For Positive and Negative Supplies
LTC3727/LTC3727-1 2-Phase, Dual, Synchronous Controller
4V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 14V
LTC3827/LTC3827-1 Low IQ, Dual, Synchronous Controller
4V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 10V, 80µA Quiescent Current
LTC3835/LTC3835-1 Low IQ, Synchronous Step-Down Controller
Single Channel LTC3827/LTC3827-1
LT3845
Low IQ, Synchronous Step-Down Controller
4V ≤ VIN ≤ 60V, 1.23V ≤ VOUT ≤ 36V, 120µA Quiescent Current
LTC3850
Dual, 550kHz, 2-Phase Synchronous Step-Down
Controller
Dual 180° Phased Controllers, VIN 4V to 24V, 97% Duty Cycle, 4mm × 4mm
QFN-28, SSOP-28 Packages
LT4256-1/LT4256-2 Positive 48V Hot Swap Controller with
Open-Circuit Detect
Foldback Current Limiting, Open-Circuit and Overcurrent Fault Output, Up to
80V Supply
LTC4260
Positive High Voltage Hot Swap Controller with
ADC and I2C
Wide Operating Range 8.5V to 80V
LTC4352
Ideal MOSFET ORing Diode
External N-channel MOSFETs Replace ORing Diodes, 0V to 18V
LTC4354
Negative Voltage Diode-OR Controller
Controls Two N-channel MOSFETs, 1µs Turn-Off, 80V Operation
LTC4355
Positive Voltage Diode-OR Controller
Controls Two N-channel MOSFETs, 0.5µs Turn-Off, 80V Operation
LTC4380
Low Quiescent Current Surge Stopper
8µA IQ; 4V to 72V Operation; –60V Reverse Input Protection
Overvoltage Regulator with Linear Regulator Up to 100mA
CTMR
0.1µF
R3
10
RSNS
10m
Q1
2N2905A
VIN
12V
VOUT
12V, 3A
CLAMPED AT 16V
2.5V, 100mA
43563 TA09
LT4356DE-3
GND
TMR
10
1
OUT
GATE
SNS
3
4
5
AOUT
11
SHDN
7
VCC
6
EN
FLT
FB
9
IN+
12
8
2
C5
10µF
R2
4.99k
R6
100k
R1
59k
R5
249k
R4
249k
C3
47nF
M1
IRLR2908
D2*
SMAJ58A
*DIODES INC.
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com