Electronic Components Datasheet Search
  English  ▼

X  

LTC1735 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC1735
Description  Surge Stopper with Fault Latchoff
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1735 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC1735 Datasheet HTML 9Page - Analog Devices LTC1735 Datasheet HTML 10Page - Analog Devices LTC1735 Datasheet HTML 11Page - Analog Devices LTC1735 Datasheet HTML 12Page - Analog Devices LTC1735 Datasheet HTML 13Page - Analog Devices LTC1735 Datasheet HTML 14Page - Analog Devices LTC1735 Datasheet HTML 15Page - Analog Devices LTC1735 Datasheet HTML 16Page - Analog Devices LTC1735 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT4356-3
13
Rev D
For more information www.analog.com
APPLICATIONS INFORMATION
MOSFET stress is the result of power dissipated within
the device. For long duration surges of 100ms or more,
stress is increasingly dominated by heat transfer; this is
a matter of device packaging and mounting, and heat sink
thermal mass. This is analyzed by simulation, using the
MOSFET thermal model.
For short duration transients of less than 100ms, MOSFET
survival is increasingly a matter of safe operating area
(SOA), an intrinsic property of the MOSFET. SOA quanti-
fies the time required at any given condition of VDS and
ID to raise the junction temperature of the MOSFET to its
rated maximum. MOSFET SOA is expressed in units of
watt-squared-seconds(P2t).Thisfigureisessentiallycon-
stant for intervals of less than 100ms for any given device
type, and rises to infinity under DC operating conditions.
Destruction mechanisms other than bulk die temperature
distort the lines of an accurately drawn SOA graph so that
P2t is not the same for all combinations of ID and VDS.
In particular P2t tends to degrade as VDS approaches the
maximum rating, rendering some devices useless for
absorbing energy above a certain voltage.
Calculating Transient Stress
To select a MOSFET suitable for any given application, the
SOA stress must be calculated for each input transient
whichshallnotinterruptoperation.Itisthenasimplematter
to chose a device which has adequate SOA to survive the
maximumcalculatedstress.P2tforaprototypicaltransient
waveform is calculated as follows (Figure 4).
Let
a = VREG – VIN
b = VPK – VIN
(VIN = Nominal Input Voltage)
Then
P2t =ILOAD2
1
3
tr
(b a)3
b
+
1
2
2a2 ln b
a
+ 3a2 +b2 4ab
Typically VREG ≈ VIN and t >> tr simplifying the above to
P2t = 1
2
ILOAD2 (VPK – VREG)2 τ
(W2s)
For the transient conditions of VPK = 80V, VIN = 12V, VREG
= 16V, tr = 10µs and t = 1ms, and a load current of 3A,
P2t is 18.4W2s—easily handled by a MOSFET in a D-pak
package.TheP2tofothertransientwaveshapesisevaluated
by integrating the square of MOSFET power versus time.
Calculating Short-Circuit Stress
SOA stress must also be calculated for short-circuit condi-
tions. Short-circuit P2t is given by:
P2t = (VIN • ΔVSNS/RSNS)2 • tTMR
(W2s)
where, ΔVSNS is the SENSE pin threshold, and tTMR is the
overcurrent timer interval.
For VIN = 14.7V, VSNS = 50mV, RSNS = 12mΩ and CTMR
= 100nF, P2t is 6.6W2s—less than the transient SOA
calculated in the previous example. Nevertheless, to
accountforcircuittolerancesthisfigureshouldbedoubled
to 13.2W2s.
Limiting Inrush Current and GATE Pin Compensation
The LT4356-3 limits the inrush current to any load capaci-
tance by controlling the GATE pin voltage slew rate. An
external capacitor can be connected from GATE to ground
to slow down the inrush current further at the expense of
slower turn-off time. The gate capacitor is set at:
C1 =
IGATE(UP)
IINRUSH
•CL
Figure 4. Safe Operating Area Required to Survive Prototypical
Transient Waveform
VPK
τ
VIN
43563 F04
VREG
tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com