Electronic Components Datasheet Search
  English  ▼

X  

LTC2909 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC2909
Description  Surge Stopper with Fault Latchoff
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2909 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC2909 Datasheet HTML 3Page - Analog Devices LTC2909 Datasheet HTML 4Page - Analog Devices LTC2909 Datasheet HTML 5Page - Analog Devices LTC2909 Datasheet HTML 6Page - Analog Devices LTC2909 Datasheet HTML 7Page - Analog Devices LTC2909 Datasheet HTML 8Page - Analog Devices LTC2909 Datasheet HTML 9Page - Analog Devices LTC2909 Datasheet HTML 10Page - Analog Devices LTC2909 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT4356-3
7
Rev D
For more information www.analog.com
PIN FUNCTIONS
AOUT(DFNandSOPackagesOnly):AmplifierOutput.Open
collector output of the auxiliary amplifier. It is capable of
sinking up to 2mA from 80V. The negative input of the
amplifier is internally connected to a 1.25V reference.
EN: Open-Collector Enable Output. The EN pin goes high
impedance when the voltage at the OUT pin is above (VCC
– 0.7V), indicating the external MOSFET is fully on. The
state of the pin is latched until the OUT pin voltage resets
at below 0.5V and goes back up above 2V. The internal
NPN is capable of sinking up to 3mA of current from 80V
to drive an LED or opto-coupler.
Exposed Pad: Exposed pad may be left open or connected
to device ground (GND).
FB: Voltage Regulator Feedback Input. Connect this pin
to the center tap of the output resistive divider connected
between the OUT pin and ground. During an overvoltage
condition, the GATE pin is servoed to maintain a 1.25V
threshold at the FB pin. This pin is clamped internally to
7V. Tie to GND to disable the OV clamp.
FLT: Open-Collector Fault Output. This pin pulls low
after the voltage at the TMR pin has reached the fault
threshold of 1.25V. It indicates the pass transistor is
about to turn off because either the supply voltage has
stayed at an elevated level for an extended period of
time (voltage fault) or the device is in an overcurrent
condition (current fault). The internal NPN is capable of
sinking up to 3mA of current from 80V to drive an LED or
opto-coupler.
GATE: N-Channel MOSFET Gate Drive Output. The GATE
pin is pulled up by an internal charge pump current source
and clamped to 14V above the OUT pin. Both voltage and
current amplifiers control the GATE pin to regulate the
output voltage and limit the current through the MOSFET.
GND: Device Ground.
IN+ (DFN and SO Packages Only): Positive Input of the
Auxiliary Amplifier. This amplifier can be used as a level
detection comparator with external hysteresis or linear
regulator controlling an external PNP transistor. This pin
is clamped internally to 7V. Connect to ground if unused.
OUT: Output Voltage Sense Input. This pin senses the
voltage at the source of the N-channel MOSFET and sets
the fault timer current. When the OUT pin voltage reaches
0.7V away from VCC, the EN pin goes high impedance.
SHDN: Shutdown Control Input. Pulling the SHDN pin
low shuts the LTC4356-3 down to a low current mode. All
functions, including the GATE and the spare amplifier are
turned off. The SHDN input threshold is similar to a TTL
input. If the SHDN voltage goes below 2.1V, the voltage
must go below 0.4V for 100µs to properly shut down the
part. To turn the part back on, the SHDN voltage must
transition from below 0.4V to greater than 2.1V with a slew
rate faster than 10V/ms. An internal 7µA current source
is provided to pull the SHDN pin up. An external pull-up
device should be used if the leakage current to ground
might exceed 1µA. After a fault time-out which turns the
GATE off, the GATE can be restarted by shutting down and
restarting the part. The SHDN pin can be pulled up to 100V
or below GND by 60V without damage.
SNS:CurrentSenseInput.Connectthispintotheoutputof
thecurrentsenseresistor.Thecurrentlimitcircuitcontrols
the GATE pin to limit the sense voltage between VCC and
SNS pins to 50mV. At the same time the sense amplifier
also starts a current source to charge up the TMR pin.
This pin can be pulled below GND by up to 60V, though
the voltage difference with the VCC pin must be limited to
less than 30V. Connect to VCC if unused.
TMR: Fault Timer Input. Connect a capacitor between this
pin and ground to set the times for early warning and fault
periods. The current charging up this pin during fault
conditions depends on the voltage difference between the
VCC and OUT pins. When VTMR reaches 1.25V, the FLT pin
pulls low to indicate the detection of a fault condition. If
the condition persists, the pass transistor turns off when
VTMRreachesthethresholdof1.35V.TheGATEpinremains
low even after the fault condition has disappeared and the
voltage at the TMR pin has reached 0.5V. A minimum of
10nF capacitor is needed to compensate the loop. A 10V
rated X7R capacitor is recommended for CTMR.
VCC: Positive Supply Voltage Input. The positive supply
input ranges from 4V to 80V for normal operation. It
can also be pulled below ground potential by up to 60V
during a reverse battery condition, without damaging the
part. The supply current is reduced to 7µA with all the
functional blocks off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com