Electronic Components Datasheet Search
  English  ▼

X  

LTC2909 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC2909
Description  Surge Stopper with Fault Latchoff
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2909 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC2909 Datasheet HTML 13Page - Analog Devices LTC2909 Datasheet HTML 14Page - Analog Devices LTC2909 Datasheet HTML 15Page - Analog Devices LTC2909 Datasheet HTML 16Page - Analog Devices LTC2909 Datasheet HTML 17Page - Analog Devices LTC2909 Datasheet HTML 18Page - Analog Devices LTC2909 Datasheet HTML 19Page - Analog Devices LTC2909 Datasheet HTML 20Page - Analog Devices LTC2909 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LT4356-3
17
Rev D
For more information www.analog.com
TYPICAL APPLICATIONS
24V Overvoltage Regulator Withstands 150V at VIN
CTMR
0.1µF
M1
IRF640
VIN
24V
VOUT
CLAMPED AT 32V
43563 TA03
LT4356DE-3
GND
TMR
10
1
OUT
SNS
3
5
SHDN
7
FLT
8
EN
9
VCC
6
FB
2
D2*
SMAT70A
R2
4.99k
R1
118k
GATE
4
R3
10
R9
1k
1W
*DIODES INC.
Wide Input Range 5V to 28V Hot Swap with Undervoltage Lockout
CTMR
1µF
R3
10
RSNS
0.02
M1
SUD50N03-10
VIN
43563 TA02
LT4356DE-3
GND
TMR
OUT
GATE
SNS
IN+
SHDN
AOUT
VOUT
EN
FLT
FB
VCC
R7
49.9k
R6
118k
100µF
C1
47nF
Overvoltage Regulator with Low Battery Detection and Output Keep Alive During Shutdown
R3
10
RSNS
10m
VIN
12V
VOUT
12V, 4A
CLAMPED AT 16V
43563 TA04
LT4356DE-3
GND
TMR
10
1
OUT
GATE
SNS
3
4
5
IN+
12
SHDN
7
VCC
VDD
6
EN
THRESHOLD = 6V
FLT
FB
9
AOUT
LBO
11
8
2
D1
1N4746A
18V
1W
R2
24.9k
R6
47k
R4
402k
R5
105k
R1
294k
1k
0.5W
M1
IRLR2908
M2
VN2222
CTMR
0.1µF
D2*
SMAJ58A
*DIODES INC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com