Electronic Components Datasheet Search
  English  ▼

X  

LTC2909 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC2909
Description  Surge Stopper with Fault Latchoff
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2909 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC2909 Datasheet HTML 8Page - Analog Devices LTC2909 Datasheet HTML 9Page - Analog Devices LTC2909 Datasheet HTML 10Page - Analog Devices LTC2909 Datasheet HTML 11Page - Analog Devices LTC2909 Datasheet HTML 12Page - Analog Devices LTC2909 Datasheet HTML 13Page - Analog Devices LTC2909 Datasheet HTML 14Page - Analog Devices LTC2909 Datasheet HTML 15Page - Analog Devices LTC2909 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LT4356-3
12
Rev D
For more information www.analog.com
The SOA of the MOSFET must encompass all fault condi-
tions. In normal operation the pass transistor is fully on,
dissipating very little power. But during either overvoltage
or overcurrent faults, the GATE pin is servoed to regu-
late either the output voltage or the current through the
MOSFET. Large current and high voltage drop across the
MOSFET can coexist in these cases. The SOA curves of
the MOSFET must be considered carefully along with the
selection of the fault timer capacitor.
Transient Stress in the MOSFET
During an overvoltage event, the LT4356-3 drives a series
passMOSFETtoregulatetheoutputvoltageatanacceptable
level.Theloadcircuitrymaycontinueoperatingthroughout
this interval, but only at the expense of dissipation in the
MOSFET pass device. MOSFET dissipation or stress is a
function of the input voltage waveform, regulation voltage
and load current. The MOSFET must be sized to survive
this stress.
Most transient event specifications use the model shown
in Figure 3. The idealized waveform comprises a linear
ramp of rise time tr, reaching a peak voltage of VPK and
exponentially decaying back to VIN with a time constant
of t. A common automotive transient specification has
constants of tr = 10µs, VPK = 80V and t = 1ms. A surge
conditionknownas“loaddump”hasconstantsoftr = 5ms,
VPK = 60V and t = 200ms.
This fixed early warning period allows time for the system
to perform necessary backup or house-keeping functions
before power is cut off. When VTMR crosses the 1.35V
threshold, the GATE pin pulls low immediately and turns
off the MOSFET. Note that during an overcurrent event the
timer current is not reduced to 5µA when VTMR reaches
1.25V,sinceitwouldlengthentheoverallfaulttimerperiod
and cause additional MOSFET stress. After the GATE pin
pulls low due to a fault time out, the LT4356-3 latches off.
Allow sufficient time for the TMR pin to discharge to 0.5V
(typical discharge current is 2.2µA) and for the MOSFET
to cool before attempting to reset the part. To reset, pull
the SHDN pin low for at least 100µs, then pull high with
a slew rate of at least 10V/ms.
MOSFET Selection
TheLT4356-3drivesanN-channelMOSFETtoconductthe
load current. The important features of the MOSFET are
on-resistanceRDS(ON),themaximumdrain-sourcevoltage
V(BR)DSS, the threshold voltage, and the SOA.
The maximum allowable drain-source voltage must be
higher than the supply voltage. If the output is shorted
to ground or during an overvoltage event, the full supply
voltage will appear across the MOSFET.
The gate drive for the MOSFET is guaranteed to be more
than 10V and less than 16V for those applications with VCC
higher than 8V. This allows the use of standard threshold
voltage N-channel MOSFETs. For systems with VCC less
than 8V, a logic level MOSFET is required since the gate
drive can be as low as 4.5V.
APPLICATIONS INFORMATION
Figure 3. Prototypical Transient Waveform
VPK
τ
VIN
43563 F03
tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com