Electronic Components Datasheet Search
  English  ▼

X  

LTC2909 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC2909
Description  Surge Stopper with Fault Latchoff
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2909 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC2909 Datasheet HTML 5Page - Analog Devices LTC2909 Datasheet HTML 6Page - Analog Devices LTC2909 Datasheet HTML 7Page - Analog Devices LTC2909 Datasheet HTML 8Page - Analog Devices LTC2909 Datasheet HTML 9Page - Analog Devices LTC2909 Datasheet HTML 10Page - Analog Devices LTC2909 Datasheet HTML 11Page - Analog Devices LTC2909 Datasheet HTML 12Page - Analog Devices LTC2909 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT4356-3
9
Rev D
For more information www.analog.com
Some power systems must cope with high voltage surges
of short duration such as those in automobiles. Load
circuitry must be protected from these transients, yet
high availability systems must continue operating during
these events.
The LT4356-3 is an overvoltage protection regulator that
drives an external N-channel MOSFET as the pass transis-
tor. It operates from a wide supply voltage range of 4V to
80V. It can also be pulled below ground potential by up
to 60V without damage. The low power supply require-
ment of 4V allows it to operate even during cold cranking
conditions in automotive applications. The internal charge
pump turns on the N-channel MOSFET to supply current
to the loads with very little power loss. Two MOSFETs can
be connected back to back to replace an inline Schottky
diode for reverse input protection. This improves the ef-
ficiency and increases the available supply voltage level
to the load circuitry during cold crank.
Normally, the pass transistor is fully on, powering the
loads with very little voltage drop. When the supply volt-
age surges too high, the voltage amplifier (VA) controls
the gate of the MOSFET and regulates the voltage at the
source pin to a level that is set by the external resistive
divider from the OUT pin to ground and the internal 1.25V
reference. A current source starts charging up the capaci-
tor connected at the TMR pin to ground. If the voltage at
the TMR pin, VTMR, reaches 1.25V, the FLT pin pulls low
to indicate impending turn-off due to the overvoltage
condition. The pass transistor stays on until the TMR
pin reaches 1.35V, at which point the GATE pin pulls low
turning off the MOSFET. The GATE pin stays latched off
until it is cleared by one of two ways. First, power down
the part for more than 100µs before powering it back up,
or second, pull the SHDN below 0.4V for more than 100µs
then pull SHDN high with a slew rate higher than 10V/ms.
The potential at the TMR pin starts decreasing as soon
as the output voltage is not being servoed, indicating the
overvoltage condition has disappeared, but the GATE
pin remains low even when the voltage at the TMR pin
reaches 0.5V.
The fault timer allows the load to continue functioning
duringshorttransienteventswhileprotectingtheMOSFET
from being damaged by a long period of supply overvolt-
age, such as a load dump in automobiles. The timer period
varieswiththevoltageacrosstheMOSFET.Ahighervoltage
corresponds to a shorter fault timer period, ensuring the
MOSFET operates within its safe operating area (SOA).
TheLT4356-3sensesanovercurrentconditionbymonitor-
ing the voltage across an optional sense resistor placed
between the VCC and SNS pins. An active current limit
circuit (IA) controls the GATE pin to limit the sense volt-
age to 50mV. A current is also generated to start charging
up the TMR pin. This current is about 5 times the current
generated during an overvoltage event. The FLT pin pulls
low when the voltage at the TMR pin reaches 1.25V and
the MOSFET is turned off when it reaches 1.35V.
An auxiliary amplifier is provided with the negative input
connected to an internal 1.25V reference. The output pull
down device is capable of sinking up to 2mA of current
allowing it to drive an LED or opto coupler. This amplifier
can be configured as a linear regulator controller driving
an external PNP transistor or a comparator function to
monitor voltages.
The SHDN pin turns off the pass transistor and reduces
the supply current to less than 7µA.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com