Electronic Components Datasheet Search
  English  ▼

X  

LTC7821 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC7821
Description  100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7821 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC7821 Datasheet HTML 2Page - Analog Devices LTC7821 Datasheet HTML 3Page - Analog Devices LTC7821 Datasheet HTML 4Page - Analog Devices LTC7821 Datasheet HTML 5Page - Analog Devices LTC7821 Datasheet HTML 6Page - Analog Devices LTC7821 Datasheet HTML 7Page - Analog Devices LTC7821 Datasheet HTML 8Page - Analog Devices LTC7821 Datasheet HTML 9Page - Analog Devices LTC7821 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LTC7060
6
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Propagation Delay vs Floating
Supply Voltage
Propagation Delay vs
Temperature
Dead-Time vs RDT
Dead-Time vs Floating Supply
Voltage
Dead-Time vs Temperature
TG/BG Pull-Up and Pull-Down
Resistance vs Temperature
TG/BG Pull-Up and Pull-Down
Resistance vs Floating Supply
Voltage
RDT (kΩ)
0
20
40
60
80
100
30
40
50
60
70
80
7060 G12
tPHL(BG)
tPHL(TG)
tPH(EN)
tPL(EN)
VBGVCC-BGRTN, VBST-SW (V)
4
6
8
10
12
14
10
20
30
40
50
60
7060 G10
tPL(EN)
tPH(EN)
tPHL(TG)
tPHL(BG)
VCC = BGVCC = BST =10V
BGRTN = SW = 0V
NO LOAD
TEMPERATURE (°C)
–45 –20
5
30
55
80 105 130 155
10
20
30
40
50
vs Temperature
Propagation Delay
7060 G11
tPLH(BG/TG), RDT = 24.9kΩ
tPLH(BG/TG), RDT = 0Ω
tPLH(BG/TG), RDT = 64.9kΩ
VBGVCC-BGRTN, VBST-SW (V)
4
6
8
10
12
14
20
40
60
80
100
7060 G13
tPLH(BG/TG), RDT = 64.9kΩ
tPLH(BG/TG), RDT = 0Ω
tPLH(BG/TG), RDT = 24.9kΩ
BGRTN = SW = 0V
BGVCC = BST =10V
NO LOAD
TEMPERATURE (°C)
–45 –20
5
30
55
80 105 130 155
20
30
40
50
60
70
80
7060 G14
BGVCC = BST =10V
BGRTN = SW = 0V
RUP(TG)
RDOWN(TG)
RUP(BG)
RDOWN(BG)
TEMPERATURE (°C)
–45 –20
5
30
55
80 105 130 155
0
1
2
3
Resistance vs Temperature
TG/BG Pull–Up and Pull–Down
7060 G15
RDOWN(BG), RDOWN(TG)
RUP(BG), RUP(TG)
VBGVCC-BGRTN, VBST-SW (V)
4
6
8
10
12
14
0
1
2
3
7060 G16
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com