Electronic Components Datasheet Search
  English  ▼

X  

LTC7821 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC7821
Description  100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7821 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC7821 Datasheet HTML 8Page - Analog Devices LTC7821 Datasheet HTML 9Page - Analog Devices LTC7821 Datasheet HTML 10Page - Analog Devices LTC7821 Datasheet HTML 11Page - Analog Devices LTC7821 Datasheet HTML 12Page - Analog Devices LTC7821 Datasheet HTML 13Page - Analog Devices LTC7821 Datasheet HTML 14Page - Analog Devices LTC7821 Datasheet HTML 15Page - Analog Devices LTC7821 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
LTC7060
12
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
BYPASSING AND GROUNDING
The LTC7060 requires proper bypassing on the VCC,
VBST-SW, and VBGVCC-BGRTN supplies due to its high
speed switching (nanoseconds) and large AC currents
(amperes). Careless component placement and PCB
trace routing may cause excessive ringing and under/
overshoot.
To obtain the optimum performance form the LTC7060:
• Mount the bypass capacitors as close as possible
between the VCC and SGND pins, the BGVCC and
BGRTN pins, and the BST and SW pins. The leads
should be shortened as much as possible to reduce
lead inductance.
• Use a low inductance, low impedance ground plane
to reduce any ground drop and stray capacitance.
Remember that the LTC7060 switches greater than
5A peak currents and any significant ground drop will
degrade signal integrity.
• Plan the power/ground routing carefully. Know where
the large load switching current is coming from and
going to. Maintain separate ground return paths for
the input pin and the output power stage.
• Kelvin connect the TG pin to the top MOSFET gate and
SW pin to the top MOSFET source. Kelvin connect
the BG pin to the bottom MOSFET gate and BGRTN
to the bottom MOSFET source. Keep the copper trace
between the driver output pin and load short and
wide.
• Be sure to solder the Exposed Pad on the back side of
the LTC7060 packages to the board. Failure to make
good thermal contact between the exposed back side
and the copper board will result in thermal resistances
far greater than specified for the packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com