Electronic Components Datasheet Search
  English  ▼

X  

LTM8049 Datasheet(PDF) 5 Page - Analog Devices

Part # LTM8049
Description  36V, 1.5A Buck-Boost 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8049 Datasheet(HTML) 5 Page - Analog Devices

  LTM8049 Datasheet HTML 1Page - Analog Devices LTM8049 Datasheet HTML 2Page - Analog Devices LTM8049 Datasheet HTML 3Page - Analog Devices LTM8049 Datasheet HTML 4Page - Analog Devices LTM8049 Datasheet HTML 5Page - Analog Devices LTM8049 Datasheet HTML 6Page - Analog Devices LTM8049 Datasheet HTML 7Page - Analog Devices LTM8049 Datasheet HTML 8Page - Analog Devices LTM8049 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTM8083
5
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
Transient Response from
12VIN to 5VOUT
Transient Response from
24VIN to 5VOUT
Transient Response from
36VIN to 5VOUT
Transient Response from
6VIN to 12VOUT
Transient Response from
12VIN to 12VOUT
Transient Response from
24VIN to 12VOUT
Transient Response from
36VIN to 12VOUT
Transient Response from
18VIN to 36VOUT
Transient Response from
36VIN to 36VOUT
200µs/DIV
VIN = 12V, VOUT = 5V, fSW = 1MHz,
0.375A (25%) LOAD STEP, 0.375A/s
COUT = 10F CERAMIC
INTERNAL COMPENSATION
8083 G10
VOUT(AC)
100mV/DIV
ILOAD
200mA/DIV
200µs/DIV
VIN = 6V, VOUT = 12V, fSW = 1MHz,
0.375A (25%) LOAD STEP, 0.375A/s
COUT = 10F CERAMIC
INTERNAL COMPENSATION
8083 G13
VOUT(AC)
200mV/DIV
ILOAD
200mA/DIV
200µs/DIV
VIN = 36V, VOUT = 12V, fSW = 1MHz,
0.375A (25%) LOAD STEP, 0.375A/s
COUT = 10F CERAMIC
INTERNAL COMPENSATION
8083 G16
VOUT(AC)
100mV/DIV
ILOAD
200mA/DIV
200µs/DIV
VIN = 24V, VOUT = 5V, fSW = 1MHz,
0.375A (25%) LOAD STEP, 0.375A/s
COUT = 10F CERAMIC
INTERNAL COMPENSATION
8083 G11
VOUT(AC)
100mV/DIV
ILOAD
200mA/DIV
200µs/DIV
VIN = 12V, VOUT = 12V, fSW = 1MHz,
0.375A (25%) LOAD STEP, 0.375A/s
COUT = 10F CERAMIC
INTERNAL COMPENSATION
8083 G14
VOUT(AC)
200mV/DIV
ILOAD
200mA/DIV
200µs/DIV
VIN = 18V, VOUT = 36V, fSW = 1MHz,
0.375A (25%) LOAD STEP, 0.375A/s
COUT = 10F CERAMIC
INTERNAL COMPENSATION
8083 G17
VOUT(AC)
1V/DIV
ILOAD
200mA/DIV
200µs/DIV
VIN = 36V, VOUT = 5V, fSW = 1MHz,
0.375A (25%) LOAD STEP, 0.375A/s
COUT = 10F CERAMIC
INTERNAL COMPENSATION
8083 G12
VOUT(AC)
200mV/DIV
ILOAD
200mA/DIV
200µs/DIV
VIN = 24V, VOUT = 12V, fSW = 1MHz,
0.375A (25%) LOAD STEP, 0.375A/s
COUT = 10F CERAMIC
INTERNAL COMPENSATION
8083 G15
VOUT(AC)
100mV/DIV
ILOAD
200mA/DIV
200µs/DIV
VIN = 36V, VOUT = 36V, fSW = 1MHz,
0.375A (25%) LOAD STEP, 0.375A/s
COUT = 10F CERAMIC
INTERNAL COMPENSATION
8083 G18
VOUT(AC)
1V/DIV
ILOAD
200mA/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com