Electronic Components Datasheet Search
  English  ▼

X  

LTM8049 Datasheet(PDF) 10 Page - Analog Devices

Part # LTM8049
Description  36V, 1.5A Buck-Boost 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8049 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTM8049 Datasheet HTML 6Page - Analog Devices LTM8049 Datasheet HTML 7Page - Analog Devices LTM8049 Datasheet HTML 8Page - Analog Devices LTM8049 Datasheet HTML 9Page - Analog Devices LTM8049 Datasheet HTML 10Page - Analog Devices LTM8049 Datasheet HTML 11Page - Analog Devices LTM8049 Datasheet HTML 12Page - Analog Devices LTM8049 Datasheet HTML 13Page - Analog Devices LTM8049 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTM8083
10
Rev. 0
For more information www.analog.com
The front page shows a typical LTM8083 application
circuit. This Applications Information section serves as
a guideline of selecting external components for typical
applications. The examples and equations in this section
assume continuous conduction mode unless otherwise
specified.
Programming Output Voltage and Thresholds
The LTM8083 has a voltage feedback pin FB that can be
used to program a constant-voltage output. The output
voltage can be set by selecting the values of R5 and R6
(Figure 1) according to the following equation:
VOUT = 1.00V •
R5
+ R6
R6
APPLICATIONS INFORMATION
Switching Frequency Setting
The switching frequency of the LTM8083 can be set by the
internal oscillator. With the SYNC pin pulled to ground, the
switching frequency is set by a resistor from the RT pin
to ground. Table 1 shows RT resistor values for common
switching frequencies.
Table 1. Switching Frequency vs RT Value (1% Resistor)
fOSC (kHz)
RT (kΩ)
300
178
400
124
600
78.7
800
56.2
1000
40.2
1200
33.2
1400
26.1
1600
21.5
1800
17.4
2000
14.3
Spread Spectrum Frequency Modulation
Switching regulators can be particularly troublesome for
applications where electromagnetic interference (EMI) is a
concern. To improve the EMI performance, the LTM8083
implements a triangle spread spectrum frequency mod-
ulation scheme. With the SYNC pin tied to INTVCC, the
LTM8083 starts to spread its switching frequency 25%
above the internal oscillator frequency. Besides, a low-ESL
three-terminal capacitor is added on the input side as well
as output side to further improve the EMI performance.
Figure 2 and Figure 3 show the noise spectrum of the
front page application with spread spectrum enabled and
a small EMI filter at 12VIN, 12VOUT, and 1A load current.
The detailed schematic is shown in Figure 25.
Frequency Synchronization
The LTM8083 switching frequency can be synchronized
to an external clock using the SYNC pin. Driving the SYNC
with a 50% duty cycle waveform is always a good choice,
otherwise maintain the duty cycle between 10% and 90%.
Due to the use of a phase-locked loop (PLL) inside, there
is no restriction between the synchronization frequency
Figure 1. Feedback Resistor Connection
LTM8083
R5
GND
8083 F05
R6
FB
VOUT
In addition, the FB pin also sets output overvoltage thresh-
old. Once the FB pin hits its overvoltage threshold 1.05V,
the LTM8083 stops switching by turning off all four power
switches for protection. The output overvoltage threshold
can be set as:
VOUT(OVP) = 1.05V •
R5
+ R6
R6
Switching Frequency Selection
The LTM8083 uses a constant frequency control scheme
between 300kHz and 2MHz. Selection of the switching
frequency is a trade-off between efficiency and capacitor
size to filter input and output voltage switching noise.
Low frequency operation improves efficiency by reducing
MOSFET switching loss but requires larger capacitor val-
ues. In a noise-sensitive system, the switching frequency
is usually selected to keep the switching noise out of a
sensitive frequency band. For most applications, 1MHz
switching frequency is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com