Electronic Components Datasheet Search
  English  ▼

X  

LTM8049 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM8049
Description  36V, 1.5A Buck-Boost 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8049 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM8049 Datasheet HTML 2Page - Analog Devices LTM8049 Datasheet HTML 3Page - Analog Devices LTM8049 Datasheet HTML 4Page - Analog Devices LTM8049 Datasheet HTML 5Page - Analog Devices LTM8049 Datasheet HTML 6Page - Analog Devices LTM8049 Datasheet HTML 7Page - Analog Devices LTM8049 Datasheet HTML 8Page - Analog Devices LTM8049 Datasheet HTML 9Page - Analog Devices LTM8049 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTM8083
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
Start-Up with 6VIN and 12VOUT
at IOUT = 0.8A
Start-Up with 12VIN and 12VOUT
at IOUT = 1.5A
Start-Up with 24VIN and 12VOUT
at IOUT = 1.5A
Start-Up with 36VIN and 12VOUT
at IOUT = 1.5A
Short-Circuit with 6VIN and
12VOUT at IOUT = 0.8A
Short-Circuit with 12VIN and
12VOUT at IOUT = 1.5A
Short-Circuit with 24VIN and
12VOUT at IOUT = 1.5A
Short-Circuit with 36VIN and
12VOUT at IOUT = 1.5A
Short-Circuit with 24VIN and
36VOUT at IOUT = 1A
2ms/DIV
VIN = 6V, VOUT = 12V, fSW = 1MHz, 0.8A
COUT = 10F CERAMIC
SOFT-START CAPACITOR = 0.1F
USE EN/UVLO PIN TO CONTROL START-UP
8083 G19
VOUT
10V/DIV
IOUT
1A/DIV
2ms/DIV
VIN = 36V, VOUT = 12V, fSW = 1MHz, 1.5A
COUT = 10F CERAMIC
SOFT-START CAPACITOR = 0.1F
USE EN/UVLO PIN TO CONTROL START-UP
8083 G22
VOUT
10V/DIV
IOUT
2A/DIV
200µs/DIV
8083 G25
VOUT
5V/DIV
IIN
0.5A/DIV
2ms/DIV
VIN = 12V, VOUT = 12V, fSW = 1MHz, 1.5A
COUT = 10F CERAMIC
SOFT-START CAPACITOR = 0.1F
USE EN/UVLO PIN TO CONTROL START-UP
8083 G20
VOUT
10V/DIV
IOUT
2A/DIV
200µs/DIV
8083 G23
VOUT
5V/DIV
IIN
1A/DIV
200µs/DIV
8083 G26
VOUT
5V/DIV
IIN
0.5A/DIV
2ms/DIV
VIN = 24V, VOUT = 12V, fSW = 1MHz, 1.5A
COUT = 10F CERAMIC
SOFT-START CAPACITOR = 0.1F
USE EN/UVLO PIN TO CONTROL START-UP
8083 G21
VOUT
10V/DIV
IOUT
2A/DIV
200µs/DIV
8083 G24
VOUT
5V/DIV
IIN
1A/DIV
200µs/DIV
8083 G27
VOUT
20V/DIV
IIN
1A/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com