Electronic Components Datasheet Search
  English  ▼

X  

LTM8049 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM8049
Description  36V, 1.5A Buck-Boost 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8049 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM8049 Datasheet HTML 8Page - Analog Devices LTM8049 Datasheet HTML 9Page - Analog Devices LTM8049 Datasheet HTML 10Page - Analog Devices LTM8049 Datasheet HTML 11Page - Analog Devices LTM8049 Datasheet HTML 12Page - Analog Devices LTM8049 Datasheet HTML 13Page - Analog Devices LTM8049 Datasheet HTML 14Page - Analog Devices LTM8049 Datasheet HTML 15Page - Analog Devices LTM8049 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTM8083
12
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
output ripple voltage. The maximum steady state ripple
due to charging and discharging the bulk capacitance is
given by:
ΔVCAP(BOOST) =
IoMAX • VOUT – VIN(MIN)
(
)
COUT • VOUT • fSW
ΔVCAP(BUCK) =
VOUT • VIN(MAX) – VOUT
(
)
8 •L • COUT • VIN(MAX) • fSW2
The maximum steady ripple due to the voltage drop
across the ESR is given by:
ΔVESR(BOOST) =
VOUT •IoMAX
VIN(MAX)
•ESR
ΔVESR(BUCK) =
VOUT • VIN(MAX) – VOUT
(
)
VIN(MAX) •L • fSW
•ESR
The bulk output capacitors defined as COUT are chosen
with low enough ESR to meet the output voltage ripple
and transient requirements. COUT can be the low ESR
tantalum capacitor, the low ESR polymer capacitor or
the ceramic capacitor. Multiple capacitors can be placed
in parallel to meet the ESR and RMS current handling
requirements. The typical capacitance is 10μF. Additional
output filtering may be required by the system designer,
if further reduction of output ripple or dynamic transient
spike is required. A 10nF low-ESL three-terminal capaci-
tor is integrated inside the module to decouple high-fre-
quency output noise. Table 6 shows a matrix of different
output voltages and output capacitors to minimize the
voltage droop and overshoot at a current transient.
INTVCC Regulator
An internal P-channel low dropout regulator produces
3.6V at the INTVCC pin from the SVIN supply pin. The
INTVCC powers internal circuitry and gate drivers in the
LTM8083. No bypassing capacitor is required.
Programming VIN UVLO and OVLO
A resistor divider from VIN to the EN/UVLO pin implements
VIN undervoltage lockout (UVLO). The EN/UVLO enable
falling threshold is set at 1.21V with 30mV hysteresis. In
Figure 4. VIN Undervoltage Lockout (UVLO)
Figure 5. VIN Overvoltage Lockout (OVLO)
LTM8083
R1
GND
RUN/STOP
CONTROL
(OPTIONAL)
8083 F03
R2
EN/UVLO
VIN
LTM8083
R3
GND
8083 F04
R4
OVLO
VIN
addition, the EN/UVLO pin sinks 2.5µA when the voltage
on the pin is below 1.21V. This current provides user
programmable hysteresis based on the value of R1. The
programmable UVLO thresholds are:
VIN(UVLO+) = 1.24V •
R1
+ R2
R2
+ 2.5µA • R1
VIN(UVLO–) = 1.21V •
R1
+ R2
R2
Figure 4 shows the implementation of external shutdown
control while still using the UVLO function. The NMOS
grounds the EN/UVLO pin when turned on, and puts the
LTM8083 in shutdown with 0.9µA quiescent current.
A resistor divider from VIN to the OVLO pin implements VIN
overvoltage lockout (OVLO). The OVLO rising threshold
is set at 1.235V with 115mV falling hysteresis. Figure 5
shows the implementation of VIN OVLO function. The pro-
grammable OVLO thresholds are:
VIN(OVLO+) = 1.235V •
R3
+ R4
R4
VIN(OVLO–) = 1.120V •
R3
+ R4
R4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com