Electronic Components Datasheet Search
  English  ▼

X  

VG6640 Datasheet(PDF) 51 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 47Page - STMicroelectronics VG6640 Datasheet HTML 48Page - STMicroelectronics VG6640 Datasheet HTML 49Page - STMicroelectronics VG6640 Datasheet HTML 50Page - STMicroelectronics VG6640 Datasheet HTML 51Page - STMicroelectronics VG6640 Datasheet HTML 52Page - STMicroelectronics VG6640 Datasheet HTML 53Page - STMicroelectronics VG6640 Datasheet HTML 54Page - STMicroelectronics VG6640 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 126 page
background image
DocID023597 Rev 11
51/126
VG6640, VD6640
Control interface
125
0x22A8 HI
HDRLM_Knee2
16UI
0x0F
RW
Knee 2 parameter
Above this value is normalized high
exposure data
NOTE - One of the following
conditions must be true:
Knee1 == Knee2,
or,
(Knee2 - Knee1 ) > 7
0x22A9 LO
0xFF
0x22AA HI
HDRLM_GainMedium
16UR
0x04
RW
Normalization gain for low exposure
data
0x22AB LO
0x00
0x22AC HI
HDRLM_GainLong
16UR
0x04
RW
Normalization gain for high exposure
data
0x22AD LO
0x00
0x22AE HI
HDRLM_FlashThres1
32UR
0x00
RW
Flash threshold value 1
0x22AF
0x00
0x22B0
0x0C
0x22B1 LO
0xCD
0x22B2 HI
HDRLM_FlashThres2
32UR
0x00
RW
Flash threshold value 2
0x22B3
0x00
0x22B4
0x0C
0x22B5 LO
0xCD
0x22B6 HI
HDRLM_FlashGain
16IR
0x04
RW
Normalization gain for flash control
0x22B7 LO
0x00
0x22B8 HI
HDRLM_SigmaGhost
Thresh1
16UI
0xFF
RW
Ghost free sigma threshold 1
0x22B9 LO
0x00
0x22BA HI
HDRLM_SigmaGhost
Thresh2
16UI
0xFF
RW
Ghost free sigma threshold 2
NOTE - the following condition must
be maintained:
GhostThresh2 - GhostThresh1 > 127
0x22BB LO
0xFF
0x22BC HI
HDRLMS_Startmerge
32UR
0x00
RW
Start merge threshold
Below this only linearization data
0x22BD
0x01
0x22BE
0xFF
0x22BF LO
0xFF
0x22C0 HI
HDRLMS_Endmerge
32UR
0x00
RW
End merge threshold
Above this only linearization data
0x22C1
0x01
0x22C2
0xFF
0x22C3 LO
0xFF
Table 18. User interface set 1 HDR merge registers [0x2296 to 0x22D9] (continued)
Index
Byte
Register name
Data
type
Default
Type
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com