Electronic Components Datasheet Search
  English  ▼

X  

VG6640 Datasheet(PDF) 81 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 77Page - STMicroelectronics VG6640 Datasheet HTML 78Page - STMicroelectronics VG6640 Datasheet HTML 79Page - STMicroelectronics VG6640 Datasheet HTML 80Page - STMicroelectronics VG6640 Datasheet HTML 81Page - STMicroelectronics VG6640 Datasheet HTML 82Page - STMicroelectronics VG6640 Datasheet HTML 83Page - STMicroelectronics VG6640 Datasheet HTML 84Page - STMicroelectronics VG6640 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 126 page
background image
DocID023597 Rev 11
81/126
VG6640, VD6640
Video system
125
7.3.2
Analog gain model
The selected analog gain applies to all of the sub-images (Long, Medium and Short). When
the Long Exposure is being taken, each pixel is read by two AD Converters simultaneously
of which one has a gain of x1 and the other, a gain of x4. These data pipes are referred to as
Long1 and Long4. These are merged at the end of the Long Integration period to give a
12bit result and stored while the Medium and Short integrations are performed. This means
that the last three analog gain options are outside the normal operating conditions and so,
should not be used.
Figure 24 describes the analog gain register (1 byte) for the image sensor.
Figure 24. Analog gain register format
Table 37 specifies the valid analog gain values for the image sensor.
The dynamic range of the pixels is increased through the capture of three different exposures from each
pixel. Only coarse integration times can be set, in multiples of lines.
Table 36. Integration time limits
Exposure
Long Exposure
Medium Exposure
Short Exposure
Variable Name
INT_LONG_LINE
INT_MED_LINE
INT_SHORT_LINE
Purpose
Coarse Long Integration
Time in Num of Lines
Coarse Med Integration
Time in Num of Lines
Coarse Short Integration
Time in Num of Lines
Register Name
course_time_long
course_time_medium
course_time_short
Minimum Value (lines)
0
0
0
Maximum Value (lines)
FRAMELENGTH_LINES -
115
96
13
Other Limits
<= OFFSET_L-2
<= OFFSET_M-2
<= OFFSET_S-2
Fine Exposure (pixel clks)
812
398
398
A3 A2 A1 A0
A7
A5 A4
A6
Coarse gain
Not used
Table 37. Analog gain control
Gain value
Coarse gain code [A3:A0]
Analog gain(L1)
Analog gain(L4)
0x00
0000
0.0 dB (x1.00)
0.0 dB (x4.00)
0x01
0001
0.6 dB (x 1.07)
0.6 dB (x 4.28)
0x02
0010
1.2 dB (x1.1)
1.2 dB (x4.4)
0x03
0011
1.8 dB (x1.2)
1.8 dB (x4.8)
0x04
0100
2.5 dB (x1.3)
2.5 dB (x5.2)
0x05
0101
3.3 dB (x1.5)
3.3 dB (x6.0)
0x06
0110
4.1 dB (x1.6)
4.1 dB (x6.4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com