Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS14 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS14
Description  SN74HCS14 Automotive Hex Inverter with Schmitt-Trigger Inputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS14 Datasheet(HTML) 4 Page - Texas Instruments

  SN74HCS14 Datasheet HTML 1Page - Texas Instruments SN74HCS14 Datasheet HTML 2Page - Texas Instruments SN74HCS14 Datasheet HTML 3Page - Texas Instruments SN74HCS14 Datasheet HTML 4Page - Texas Instruments SN74HCS14 Datasheet HTML 5Page - Texas Instruments SN74HCS14 Datasheet HTML 6Page - Texas Instruments SN74HCS14 Datasheet HTML 7Page - Texas Instruments SN74HCS14 Datasheet HTML 8Page - Texas Instruments SN74HCS14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range(unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
7
V
IIK
Input clamp current(2)
VI < 0 or VI > VCC + 0.5
±20
mA
IOK
Output clamp current(2)
VO < 0 or VO > VCC + 0.5
±20
mA
IO
Continuous output current
VO = 0 to VCC
±35
mA
Continuous current through VCC or GND
±70
mA
TJ
Junction temperature(3)
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
Guaranteed by design.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/
JEDEC JS-001(1)
±4000
V
Charged-device model (CDM), per JEDEC
specification JESD22-C101(2)
±1500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2
5
6
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
TA
Ambient temperature
–40
125
°C
SN74HCS14
SCLS799B – JANUARY 2020 – REVISED JANUARY 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN74HCS14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com