Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS14 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS14
Description  SN74HCS14 Automotive Hex Inverter with Schmitt-Trigger Inputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS14 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74HCS14 Datasheet HTML 4Page - Texas Instruments SN74HCS14 Datasheet HTML 5Page - Texas Instruments SN74HCS14 Datasheet HTML 6Page - Texas Instruments SN74HCS14 Datasheet HTML 7Page - Texas Instruments SN74HCS14 Datasheet HTML 8Page - Texas Instruments SN74HCS14 Datasheet HTML 9Page - Texas Instruments SN74HCS14 Datasheet HTML 10Page - Texas Instruments SN74HCS14 Datasheet HTML 11Page - Texas Instruments SN74HCS14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
7 Parameter Measurement Information
Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators
having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tt < 2.5 ns.
For clock inputs, fmax is measured when the input duty cycle is 50%.
The outputs are measured one at a time with one input transition per measurement.
CL
(1)
From Output
Under Test
Test
Point
(1) CL includes probe and test-fixture capacitance.
Figure 7-1. Load Circuit for Push-Pull Outputs
50%
Input
50%
VCC
0 V
50%
50%
VOH
VOL
tPLH
(1)
tPHL
(1)
VOH
VOL
tPHL
(1)
tPLH
(1)
Output
Output
50%
50%
(1) The greater between tPLH and tPHL is the same as tpd.
Figure 7-2. Voltage Waveforms Propagation Delays
VOH
VOL
Output
VCC
0 V
Input
tf
(1)
tr
(1)
90%
10%
90%
10%
tr
(1)
90%
10%
tf
(1)
90%
10%
(1) The greater between tr and tf is the same as tt.
Figure 7-3. Voltage Waveforms, Input and Output Transition Times
SN74HCS14
SCLS799B – JANUARY 2020 – REVISED JANUARY 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN74HCS14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com