Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS14 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS14
Description  SN74HCS14 Automotive Hex Inverter with Schmitt-Trigger Inputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS14 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS14 Datasheet HTML 1Page - Texas Instruments SN74HCS14 Datasheet HTML 2Page - Texas Instruments SN74HCS14 Datasheet HTML 3Page - Texas Instruments SN74HCS14 Datasheet HTML 4Page - Texas Instruments SN74HCS14 Datasheet HTML 5Page - Texas Instruments SN74HCS14 Datasheet HTML 6Page - Texas Instruments SN74HCS14 Datasheet HTML 7Page - Texas Instruments SN74HCS14 Datasheet HTML 8Page - Texas Instruments SN74HCS14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
SN74HCS14 Automotive Hex Inverter with Schmitt-Trigger Inputs
1 Features
• Wide operating voltage range: 2 V to 6 V
• Schmitt-trigger inputs allow for slow or noisy input
signals
• Low power consumption
– Typical ICC of 100 nA
– Typical input leakage current of ±100 nA
• ±7.8-mA output drive at 6 V
• Extended ambient temperature range: –40°C to
+125°C, TA
2 Applications
• Synchronize invterted clock inputs
• Debounce a switch
• Invert a digital signal
3 Description
This device contains six independent Inverter with
Schmitt-trigger inputs. Each gate performs the
Boolean function Y = A in positive logic.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
SN74HCS14PW
TSSOP (16)
5.00 mm × 4.40 mm
SN74HCS14D
SOIC (16)
9.90 mm × 3.90 mm
SN74HCS14BQA
WQFN (16)
3.00 mm × 2.50 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Benefits of Schmitt-trigger inputs
www.ti.com
SN74HCS14
SCLS799B – JANUARY 2020 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: SN74HCS14
SN74HCS14
SCLS799B – JANUARY 2020 – REVISED JANUARY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74HCS14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS14 TI1-SN74HCS14 Datasheet
301Kb / 15P
SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14 TI1-SN74HCS14 Datasheet
1,006Kb / 22P
SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14 TI-SN74HCS14 Datasheet
1Mb / 28P
SN74HCS14-Q1 Automotive Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14 TI-SN74HCS14 Datasheet
2Mb / 32P
SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS14 TI-SN74HCS14 Datasheet
2Mb / 32P
SN74HCS14-Q1 Automotive Hex Inverter with Schmitt-Trigger Inputs
DECEMBER 2021
More results

Similar Description - SN74HCS14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74ALS14 NSC-DM74ALS14 Datasheet
177Kb / 6P
Hex Inverter with Schmitt Trigger Inputs
logo
Fairchild Semiconductor
DM74ALS14 FAIRCHILD-DM74ALS14 Datasheet
76Kb / 6P
Hex Inverter with Schmitt Trigger Inputs
DM74LS14 FAIRCHILD-DM74LS14 Datasheet
61Kb / 5P
Hex Inverter with Schmitt Trigger Inputs
logo
Texas Instruments
SN74HCS14-Q1 TI1-SN74HCS14-Q1 Datasheet
226Kb / 15P
SN74HCS14-Q1 Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14-Q1 TI1-SN74HCS14-Q1_V01 Datasheet
344Kb / 18P
SN74HCS14-Q1 Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14 TI1-SN74HCS14 Datasheet
301Kb / 15P
SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14 TI1-SN74HCS14_V01 Datasheet
1,006Kb / 22P
SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14-Q1 TI-SN74HCS14-Q1_V02 Datasheet
1Mb / 28P
SN74HCS14-Q1 Automotive Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14-Q1 TI-SN74HCS14-Q1_V03 Datasheet
2Mb / 32P
SN74HCS14-Q1 Automotive Hex Inverter with Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS14 TI-SN74HCS14_V03 Datasheet
2Mb / 32P
SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com