Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS14 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS14
Description  SN74HCS14 Automotive Hex Inverter with Schmitt-Trigger Inputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS14 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HCS14 Datasheet HTML 2Page - Texas Instruments SN74HCS14 Datasheet HTML 3Page - Texas Instruments SN74HCS14 Datasheet HTML 4Page - Texas Instruments SN74HCS14 Datasheet HTML 5Page - Texas Instruments SN74HCS14 Datasheet HTML 6Page - Texas Instruments SN74HCS14 Datasheet HTML 7Page - Texas Instruments SN74HCS14 Datasheet HTML 8Page - Texas Instruments SN74HCS14 Datasheet HTML 9Page - Texas Instruments SN74HCS14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6.6 Switching Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted). See Parameter
Measurement Information.
PARAMETER
FROM (INPUT)
TO (OUTPUT)
VCC
MIN
TYP
MAX
UNIT
tpd
Propagation delay
A
Y
2 V
15
40
ns
4.5 V
6
17
6 V
5
16
tt
Transition-time
Y
2 V
9
17
ns
4.5 V
5
8
6 V
4
7
SN74HCS14
SCLS799B – JANUARY 2020 – REVISED JANUARY 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN74HCS14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com