Electronic Components Datasheet Search
  English  ▼

X  

AD4680 Datasheet(PDF) 4 Page - Analog Devices

Part # AD4680
Description  Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4680 Datasheet(HTML) 4 Page - Analog Devices

  AD4680 Datasheet HTML 1Page - Analog Devices AD4680 Datasheet HTML 2Page - Analog Devices AD4680 Datasheet HTML 3Page - Analog Devices AD4680 Datasheet HTML 4Page - Analog Devices AD4680 Datasheet HTML 5Page - Analog Devices AD4680 Datasheet HTML 6Page - Analog Devices AD4680 Datasheet HTML 7Page - Analog Devices AD4680 Datasheet HTML 8Page - Analog Devices AD4680 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
AD4680/AD4681
Data Sheet
Rev. 0 | Page 4 of 29
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
REFERENCE INPUT AND OUTPUT
VREF Input Voltage Range
External reference
2.49
3.4
V
VREF Input Current
External reference
AD4680
1 MSPS
0.26
0.29
mA
AD4681
500 kSPS
0.23
0.26
mA
VREF Output Voltage
At 25°C
2.498
2.5
2.502
V
−40°C to +125°C
2.495
2.505
V
VREF Temperature Coefficient
1
10
ppm/°C
VREF Noise
7
μV rms
DIGITAL INPUTS (SCLK, SDI, CS)
Logic Levels
Input Voltage
Low (VIL)
0.2 × VLOGIC
V
High (VIH)
0.8 × VLOGIC
V
Input Current
Low (IIL)
−1
+1
μA
High (IIH)
−1
+1
μA
DIGITAL OUTPUTS (SDOA, SDOB/ALERT)
Output Coding
Twos complement
Bits
Output Low Voltage (VOL)
Sink current (ISINK) = 300 μA
0.4
V
Output High Voltage (VOH)
Source current (ISOURCE) = −300 μA
VLOGIC − 0.3
V
Floating-State Leakage Current
±1
μA
Floating-State Output Capacitance
10
pF
POWER SUPPLIES
VCC
3.0
3.3
3.6
V
External reference = 3.3 V
3.2
3.3
3.6
V
VLOGIC
1.65
3.6
V
VCC Current (IVCC)
Normal Mode (Operational)
AD4680, 1 MSPS
7.28
8.4
mA
AD4681, 500 kSPS
4.76
5.6
mA
Normal Mode (Static)
2.3
2.8
mA
Shutdown Mode
100
200
μA
VLOGIC Current (IVLOGIC)
SDOA and SDOB/ALERT at 0x1FFF
Normal Mode (Operational)
AD4680, 1 MSPS
884
950
μA
AD4681, 500 kSPS
438
470
μA
Normal Mode (Static)
10
200
nA
Shutdown Mode
10
200
nA
POWER DISSIPATION
Total Power (PTOTAL)
AD4680
29.4
33.7
mW
AD4681
18.7
21.9
mW
VCC Power (PVCC)
Normal Mode
Operational
AD4680, 1 MSPS
26.2
30.3
mW
AD4681, 500 kSPS
17.1
20.2
mW
Static
7
10
mW
Shutdown Mode
330
720
μW
VLOGIC Power (PVLOGIC)
Normal Mode
Operational
AD4680, 1 MSPS
3.2
3.4
mW
AD4681, 500 kSPS
1.6
1.7
mW
Static
33
720
nW
Shutdown Mode
33
720
nW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com