Electronic Components Datasheet Search
  English  ▼

X  

AD4680 Datasheet(PDF) 9 Page - Analog Devices

Part # AD4680
Description  Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4680 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD4680 Datasheet HTML 5Page - Analog Devices AD4680 Datasheet HTML 6Page - Analog Devices AD4680 Datasheet HTML 7Page - Analog Devices AD4680 Datasheet HTML 8Page - Analog Devices AD4680 Datasheet HTML 9Page - Analog Devices AD4680 Datasheet HTML 10Page - Analog Devices AD4680 Datasheet HTML 11Page - Analog Devices AD4680 Datasheet HTML 12Page - Analog Devices AD4680 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Data Sheet
AD4680/AD4681
Rev. 0 | Page 9 of 29
TYPICAL PERFORMANCE CHARACTERISTICS
VREF = 2.5 V internal, VCC = 3.6 V, VLOGIC = 3.3 V, fIN = 1 kHz, and TA = 25°C, unless otherwise noted.
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
100
200
300
400
500
FREQUENCY (kHz)
SNR = 91.02dB
THD = –111.12dB
SINAD = 90.98dB
fIN = 1kHz
VREF = 2.5V (INTERNAL)
Figure 9. AD4680 Fast Fourier Transform (FFT), VREF = 2.5 V Internal
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
SNR = 92.51dB
THD = –105.79dB
SINAD = 92.31dB
fIN = 1kHz
VREF = 3.3V (EXTERNAL)
Figure 10. AD4680 FFT, VREF = 3.3 V External
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
SNR = 100.09dB
THD = –106.16dB
SINAD = 99.14dB
fIN = 1kHz
VREF = 3.3V (EXTERNAL)
OSR = 8, RES = 1
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
Figure 11. AD4680 FFT with Oversampling, VREF = 3.3 V External
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
50
100
150
200
250
FREQUENCY (kHz)
SNR = 91.0dB
THD = –111.05dB
SINAD = 90.97dB
fIN = 1kHz
VREF = 2.5V (INTERNAL)
Figure 12. AD4681 FFT, VREF = 2.5 V Internal
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
50
100
150
200
250
FREQUENCY (MHz)
SNR = 92.48dB
THD = –105.66dB
SINAD = 92.29dB
fIN = 1kHz
VREF = 3.3V (EXTERNAL)
Figure 13. AD4681 FFT, VREF =3.3 V External
25
13074
159754
87843
2101 2
0
20000
40000
60000
80000
100000
120000
140000
160000
180000
CODE
–6 –5 –4 –3 –2 –1
1
2
3
4
5
6
7
0
Figure 14. DC Histogram Codes at Code Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com