Electronic Components Datasheet Search
  English  ▼

X  

MCP39F511A Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP39F511A
Description  AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511A Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP39F511A Datasheet HTML 2Page - Microchip Technology MCP39F511A Datasheet HTML 3Page - Microchip Technology MCP39F511A Datasheet HTML 4Page - Microchip Technology MCP39F511A Datasheet HTML 5Page - Microchip Technology MCP39F511A Datasheet HTML 6Page - Microchip Technology MCP39F511A Datasheet HTML 7Page - Microchip Technology MCP39F511A Datasheet HTML 8Page - Microchip Technology MCP39F511A Datasheet HTML 9Page - Microchip Technology MCP39F511A Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
MCP39F511A
DS20006044A-page 6
 2018 Microchip Technology Inc.
Absolute Input Voltage
VIN
DGND -0.3
—
DVDD +0.3
V
Recommended
Impedance of
Analog Voltage Source
RIN
——
2.5
k
Integral Nonlinearity
INL
—±1
±2
LSb
Differential Nonlinearity
DNL
—±1
±1.5
LSb
Gain Error
GERR
—±1
±3
LSb
Offset Error
EOFF
—±1
±2
LSb
Temperature
Measurement Rate
—
fLINE/2N
—sps
Note 7
Clock and Timings
UART Baud Rate
UDB
1.2
9.6
115.2
kbps
See Section 3.2 for
protocol details
Master Clock
and Crystal Frequency
fMCLK
-2%
4
+2%
MHz
Capacitive Loading
on OSCO pin
COSC2
—
—
15
pF
When an external clock is
used to drive the device
Internal Oscillator
Tolerance
fINT_OSC
—
2
—
%
-40 to +85°C only
(Note 7)
Internal Voltage Reference
Internal Voltage
Reference Tolerance
VREF
-2%
1.2
+2%
V
VREFEXT =0,
TA =+25°C only
Temperature Coefficient
TCVREF
—7
—
ppm/°C TA = -40°C to +125°C,
VREFEXT =0
Output Impedance
ZOUTVREF
—2
—
k
VREFEXT =0
Current, VREF
AIDDVREF
—25
—
AVREFEXT =0
SHUTDOWN<1:0>=11
TABLE 1-1:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Unless otherwise indicated, all parameters apply at AVDD, DVDD = +2.7 to +3.6V, TA = -40°C to +125°C,
MCLK = 4 MHz, PGA GAIN = 1.
Characteristic
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Note
1:
Calculated from reading the register values with no averaging, single computation cycle with accumulation interval of 4
line cycles.
2:
Specification by design and characterization; not production tested.
3:
N = Value in the Accumulation Interval Parameter register. The default value of this register is 2 or TCAL =80 ms for
50 Hz line.
4:
Applies to Voltage Sag and Voltage Surge events only.
5:
Applies to all gains. Offset and gain errors depend on the PGA gain setting. See Section 2.0 “Typical Performance
Curves”
for typical performance.
6:
VIN =1.2 VPP =424 mVRMS @ 50/60 Hz. This parameter is established by characterization and is not 100% tested.
7:
Variation applies to internal clock and UART only. All calculated output quantities can be temperature compensated to
the performance listed in the respective specification.
8:
The internal ADC clock frequency is affected by the amplitude of the AC signal applied on the voltage channel,
decreasing the overall accuracy if the amplitude is low. In DC mode, the internal ADC clock frequency is constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com