Electronic Components Datasheet Search
  English  ▼

X  

MCP39F511A Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP39F511A
Description  AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511A Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP39F511A Datasheet HTML 3Page - Microchip Technology MCP39F511A Datasheet HTML 4Page - Microchip Technology MCP39F511A Datasheet HTML 5Page - Microchip Technology MCP39F511A Datasheet HTML 6Page - Microchip Technology MCP39F511A Datasheet HTML 7Page - Microchip Technology MCP39F511A Datasheet HTML 8Page - Microchip Technology MCP39F511A Datasheet HTML 9Page - Microchip Technology MCP39F511A Datasheet HTML 10Page - Microchip Technology MCP39F511A Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
 2018 Microchip Technology Inc.
DS20006044A-page 7
MCP39F511A
Voltage Reference Input
Input Capacitance
—
—
10
pF
Absolute Voltage on
VREF+ Pin
VREF+
AGND + 1.1V
—
AGND +1.3V
V
Power Specifications
Operating Voltage
AVDD, DVDD
2.7
—
3.6
V
DVDD Start Voltage
to Ensure Internal
Power-On Reset Signal
VPOR
DGND
—0.7
V
DVDD Rise Rate to
Ensure Internal
Power-On Reset Signal
SDVDD
0.05
—
—
V/ms
0–3.3V in 0.1s, 0–2.5V in
60 ms
AVDD Start Voltage to
Ensure Internal
Power-On Reset Signal
VPOR
AGND
—2.1
V
AVDD Rise Rate to
Ensure Internal Power-
On Reset Signal
SAVDD
0.042
—
—
V/ms
0 – 2.4V in 50 ms
Operating Current
IDD
—13
—
mA
Data EEPROM Memory
Cell Endurance
EPS
100,000
—
—
E/W
Self-Timed
Write Cycle Time
TIWD
—4
—
ms
Number of Total
Write/Erase Cycles
Before Refresh
RREF
—
10,000,000
—E/W
Characteristic Retention
TRETDD
40
—
—
years
Provided no other
specifications are violated
Supply Current During
Programming
IDDPD
—7
—
mA
TABLE 1-1:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Unless otherwise indicated, all parameters apply at AVDD, DVDD = +2.7 to +3.6V, TA = -40°C to +125°C,
MCLK = 4 MHz, PGA GAIN = 1.
Characteristic
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Note
1:
Calculated from reading the register values with no averaging, single computation cycle with accumulation interval of 4
line cycles.
2:
Specification by design and characterization; not production tested.
3:
N = Value in the Accumulation Interval Parameter register. The default value of this register is 2 or TCAL =80 ms for
50 Hz line.
4:
Applies to Voltage Sag and Voltage Surge events only.
5:
Applies to all gains. Offset and gain errors depend on the PGA gain setting. See Section 2.0 “Typical Performance
Curves”
for typical performance.
6:
VIN =1.2 VPP =424 mVRMS @ 50/60 Hz. This parameter is established by characterization and is not 100% tested.
7:
Variation applies to internal clock and UART only. All calculated output quantities can be temperature compensated to
the performance listed in the respective specification.
8:
The internal ADC clock frequency is affected by the amplitude of the AC signal applied on the voltage channel,
decreasing the overall accuracy if the amplitude is low. In DC mode, the internal ADC clock frequency is constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com