Electronic Components Datasheet Search
  English  ▼

X  

MCP39F511A Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP39F511A
Description  AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511A Datasheet(HTML) 1 Page - Microchip Technology

  MCP39F511A Datasheet HTML 1Page - Microchip Technology MCP39F511A Datasheet HTML 2Page - Microchip Technology MCP39F511A Datasheet HTML 3Page - Microchip Technology MCP39F511A Datasheet HTML 4Page - Microchip Technology MCP39F511A Datasheet HTML 5Page - Microchip Technology MCP39F511A Datasheet HTML 6Page - Microchip Technology MCP39F511A Datasheet HTML 7Page - Microchip Technology MCP39F511A Datasheet HTML 8Page - Microchip Technology MCP39F511A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
 2018 Microchip Technology Inc.
DS20006044A-page 1
MCP39F511A
AC/DC Dual-Mode Power-Monitoring IC
with Calculation and Energy Accumulation
Features
• Real-Time Measurement of Input Power for AC or
DC Supplies
• AC/DC Dual-Mode Power Monitoring Accuracy
Capable of 0.1% Error Across 4000:1 Dynamic
Range
• Automatic Sensing and Switching Between AC
and DC Modes
• Built-In Calculations on Fast 16-Bit Processing
Core
- Active and Reactive Energy Accumulation
- Active, Reactive, Apparent Power
- True RMS Current, RMS Voltage
- Line Frequency, Power Factor
• 64-bit Wide Import and Export Active Energy
Accumulation Registers
• 64-bit Four Quadrant Reactive Energy
Accumulation Registers
• Automatic Saving the Energy Accumulation
Registers into EEPROM at Power Off
• Automatic Loading the Energy Accumulation
Registers from EEPROM at Power On
• Signed Active and Reactive Power Outputs
• Dedicated Zero Crossing Detection (ZCD) Pin
Output with Less than 200 µs Latency
• Dedicated PWM Output Pin with Programmable
Frequency and Duty Cycle
• Automatic Event Pin Control through Fast Voltage
Sag/Surge Detection
• Two Wire Serial Protocol with Selectable Baud
Rate Up to 115.2 kbps using Universal
Asynchronous Receiver/Transmitter (UART)
• Four Independent Registers for Minimum and
Maximum Output Quantity Tracking
• Fast Calibration Routines and Simplified
Command Protocol
• 512 Bytes User-Accessible EEPROM through
Page Read/Write Commands
• Low-Drift Internal Voltage Reference, 7 ppm/°C
Typical
• 28-lead 5x5 QFN Package
• Extended Temperature Range -40°C to +125°C
Applications
• Power Monitoring and Management for Smart
Home/City
• Industrial Lighting Power Monitoring
• Power Measurement for Renewable Energy Sys-
tem
• Intelligent Power Distribution Units
• Server Power Monitor
Description
The MCP39F511A device is a highly-integrated,
complete single-phase power-monitoring IC designed
for real-time measurement of input power for AC or DC
power supplies, making it suitable for a wide range of
consumer and industrial applications. It is capable of
detecting the input voltage in order to work as DC or AC
mode. It includes dual-channel Delta-Sigma ADCs, a
16-bit calculation engine, EEPROM and a flexible
2-wire interface. Separate AC and DC calibration
registers are provided, to ensure high-accuracy
measurements in both modes. An integrated low-drift
voltage reference with 7 ppm/°C in addition to 94.5 dB
of SINAD performance on each measurement channel
allows for better than 0.1% accurate designs across a
4000:1 dynamic range.
Package Types
1
25
2
3
4
5
89 10 11 12
21
20
19
18
17
28 27 26
24
EVENT1
NC
UART_RX
COMMONA
NC
EP
29
6
7
OSCI
OSCO
13 14
16
15
23 22
I1+
I1-
V1-
V1+
AN_IN
AGND
EVENT2
MCP39F511A
5x5 QFN*
*Includes Exposed Thermal Pad (EP);
see Table 3-1.


Similar Part No. - MCP39F511A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP39F511 MICROCHIP-MCP39F511 Datasheet
1Mb / 62P
Power-Monitoring IC with Calculation and Energy Accumulation
07/14/15
MCP39F511-E/MQ MICROCHIP-MCP39F511-E/MQ Datasheet
1Mb / 62P
Power-Monitoring IC with Calculation and Energy Accumulation
07/14/15
MCP39F511N MICROCHIP-MCP39F511N Datasheet
889Kb / 61P
Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
10/25/17
MCP39F511N-E/MQ MICROCHIP-MCP39F511N-E/MQ Datasheet
889Kb / 61P
Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
10/25/17
MCP39F511NT-E/MQ MICROCHIP-MCP39F511NT-E/MQ Datasheet
889Kb / 61P
Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
10/25/17
More results

Similar Description - MCP39F511A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8027 PANASONIC-AN8027 Datasheet
301Kb / 28P
AC-DC switching power supply control IC with standby mode
logo
Analog Devices
ADE7768 AD-ADE7768 Datasheet
404Kb / 20P
Energy Metering IC with Integrated Oscillator and Positive Power Accumulation
8/05-Sp0 to Rev. A
ADM1276 AD-ADM1276 Datasheet
628Kb / 48P
Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
REV. 0
ADE7768 AD-ADE7768_15 Datasheet
405Kb / 20P
Energy Metering IC with Integrated Oscillator and Positive Power Accumulation
REV. A
logo
Microchip Technology
MCP39F521 MICROCHIP-MCP39F521 Datasheet
1,001Kb / 52P
I2C Power Monitor with Calculation and Energy Accumulation
07/14/15
MCP39F511 MICROCHIP-MCP39F511 Datasheet
1Mb / 62P
Power-Monitoring IC with Calculation and Energy Accumulation
07/14/15
logo
Seiko Instruments Inc
S5471 SII-S5471 Datasheet
1Mb / 20P
ENERGY HARVESTING VOLTAGE MONITORING IC WITH ULTRA-LOW CURRENT CONSUMPTION
logo
Analog Devices
ADE9000 AD-ADE9000 Datasheet
1,004Kb / 73P
High Performance, Multiphase Energy Power Quality Monitoring IC
Rev. A
logo
Microchip Technology
MCP39F511N MICROCHIP-MCP39F511N Datasheet
889Kb / 61P
Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
10/25/17
logo
Analog Devices
ADE9430 AD-ADE9430 Datasheet
1Mb / 35P
High Performance, Polyphase Energy, and Class S Power Quality Monitoring IC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com