Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28062F Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28062F
Description  TMS320F2806x Microcontrollers
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28062F Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMS320F28062F Datasheet HTML 69Page - Texas Instruments TMS320F28062F Datasheet HTML 70Page - Texas Instruments TMS320F28062F Datasheet HTML 71Page - Texas Instruments TMS320F28062F Datasheet HTML 72Page - Texas Instruments TMS320F28062F Datasheet HTML 73Page - Texas Instruments TMS320F28062F Datasheet HTML 74Page - Texas Instruments TMS320F28062F Datasheet HTML 75Page - Texas Instruments TMS320F28062F Datasheet HTML 76Page - Texas Instruments TMS320F28062F Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 185 page
background image
INTOSC1TRIM Reg
(A)
Internal
OSC 1
(10 MHz)
OSCE
CLKCTL[INTOSC1OFF]
WAKEOSC
CLKCTL[INTOSC1HALT]
INTOSC2TRIM Reg
(A)
Internal
OSC 2
(10 MHz)
OSCE
CLKCTL[INTOSC2OFF]
CLKCTL[INTOSC2HALT]
1 = Turn OSC Off
1 = Ignore HALT
1 = Turn OSC Off
1 = Ignore HALT
XCLK[XCLKINSEL]
0 = GPIO38
1 = GPIO19
GPIO19
or
GPIO38
CLKCTL[XCLKINOFF]
0
0
1
(Crystal)
OSC
XCLKIN
X1
X2
CLKCTL[XTALOSCOFF]
0 = OSC on (default on reset)
1 = Turn OSC off
0
1
0
0
1
1
OSC1CLK
OSCCLKSRC1
WDCLK
OSC2CLK
0
1
CLKCTL[WDCLKSRCSEL]
(OSC1CLK on
reset)
XRS
CLKCTL[OSCCLKSRCSEL]
SYSCLKOUT
CLKCTL[TMR2CLKSRCSEL]
OSCCLKSRC2
11
Prescale
/1, /2, /4,
/8, /16
CLKCTL[TRM2CLKPRESCALE]
DEVICECNF[SYSCLK2DIV2DIS]
00
01, 10, 11
CPUTMR2CLK
SYNC
Edge
Detect
10
01
CLKCTL[OSCCLKSRC2SEL]
SYSCLKOUT
WAKEOSC
(Oscillators enabled when this signal is high)
EXTCLK
XTAL
XCLKIN
(OSC1CLK on
reset)
XRS
OSCCLK
PLL
Missing-Clock-Detect Circuit
(B)
CPU-Watchdog
PLL2CTL.PLL2CLKSRCSEL
PLL2CTL.PLL2EN
SYSCLK2 to USB
PLL2CLK
HRCAP
PLL2
/2
A. Register loaded from TI OTP-based calibration function.
B. See Section 8.6.5 for details on missing clock detection.
Figure 8-11. Clock Tree
www.ti.com
TMS320F28069, TMS320F28069M, TMS320F28069F, TMS320F28068M, TMS320F28068F
TMS320F28067, TMS320F28066, TMS320F28065, TMS320F28064, TMS320F28063
TMS320F28062, TMS320F28062F
SPRS698I – NOVEMBER 2010 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: TMS320F28069 TMS320F28069M TMS320F28069F TMS320F28068M
TMS320F28068F TMS320F28067 TMS320F28066 TMS320F28065 TMS320F28064 TMS320F28063
TMS320F28062 TMS320F28062F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com