Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28062F Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28062F
Description  TMS320F2806x Microcontrollers
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28062F Datasheet(HTML) 2 Page - Texas Instruments

  TMS320F28062F Datasheet HTML 1Page - Texas Instruments TMS320F28062F Datasheet HTML 2Page - Texas Instruments TMS320F28062F Datasheet HTML 3Page - Texas Instruments TMS320F28062F Datasheet HTML 4Page - Texas Instruments TMS320F28062F Datasheet HTML 5Page - Texas Instruments TMS320F28062F Datasheet HTML 6Page - Texas Instruments TMS320F28062F Datasheet HTML 7Page - Texas Instruments TMS320F28062F Datasheet HTML 8Page - Texas Instruments TMS320F28062F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 185 page
background image
2 Applications
• Air conditioner outdoor unit
• Door operator drive control
• Inverter & motor control
• On-board (OBC) & wireless charger
• Automated sorting equipment
• CNC control
• Textile machine
• Welding machine
• EV charging station power module
• Wireless vehicle charging module
• Energy storage power conversion system (PCS)
• Central inverter
• Micro inverter
• Solar power optimizer
• String inverter
• AC drive control module
• AC drive power stage module
• Linear motor power stage
• Servo drive control module
• Servo drive power stage module
• AC-input BLDC motor drive
• DC-input BLDC motor drive
• Industrial AC-DC
• Three phase UPS
3 Description
C2000™ 32-bit microcontrollers are optimized for processing, sensing, and actuation to improve closed-loop
performance in real-time control applications such as industrial motor drives; solar inverters and digital power;
electrical vehicles and transportation; motor control; and sensing and signal processing. The C2000 line includes
the Premium performance MCUs and the Entry performance MCUs.
The F2806x family of microcontrollers (MCUs) provides the power of the C28x core and CLA coupled with highly
integrated control peripherals in low pin-count devices. This family is code-compatible with previous C28x-based
code, and also provides a high level of analog integration.
An internal voltage regulator allows for single-rail operation. Enhancements have been made to the HRPWM
module to allow for dual-edge control (frequency modulation). Analog comparators with internal 10-bit references
have been added and can be routed directly to control the ePWM outputs. The ADC converts from 0 to 3.3-V
fixed full-scale range and supports ratio-metric VREFHI/VREFLO references. The ADC interface has been
optimized for low overhead and latency.
To learn more about the C2000 MCUs, visit the C2000 Overview at www.ti.com/c2000.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE
TMS320F28069PZP
HTQFP (100)
14.0 mm × 14.0 mm
TMS320F28069PFP
HTQFP (80)
12.0 mm × 12.0 mm
TMS320F28069PZ
LQFP (100)
14.0 mm × 14.0 mm
TMS320F28069PN
LQFP (80)
12.0 mm × 12.0 mm
(1)
For more information on these devices, see Mechanical, Packaging, and Orderable Information.
TMS320F28069, TMS320F28069M, TMS320F28069F, TMS320F28068M, TMS320F28068F
TMS320F28067, TMS320F28066, TMS320F28065, TMS320F28064, TMS320F28063
TMS320F28062, TMS320F28062F
SPRS698I – NOVEMBER 2010 – REVISED FEBRUARY 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28069 TMS320F28069M TMS320F28069F TMS320F28068M
TMS320F28068F TMS320F28067 TMS320F28066 TMS320F28065 TMS320F28064 TMS320F28063
TMS320F28062 TMS320F28062F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com