Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28062F Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28062F
Description  TMS320F2806x Microcontrollers
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28062F Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320F28062F Datasheet HTML 17Page - Texas Instruments TMS320F28062F Datasheet HTML 18Page - Texas Instruments TMS320F28062F Datasheet HTML 19Page - Texas Instruments TMS320F28062F Datasheet HTML 20Page - Texas Instruments TMS320F28062F Datasheet HTML 21Page - Texas Instruments TMS320F28062F Datasheet HTML 22Page - Texas Instruments TMS320F28062F Datasheet HTML 23Page - Texas Instruments TMS320F28062F Datasheet HTML 24Page - Texas Instruments TMS320F28062F Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 185 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1) (2)
MIN
MAX
UNIT
Supply voltage
VDDIO (I/O and Flash) with respect to VSS
–0.3
4.6
V
VDD with respect to VSS
–0.3
2.5
Analog voltage
VDDA with respect to VSSA
–0.3
4.6
V
Input voltage
VIN (3.3 V)
–0.3
4.6
V
VIN (X1)
–0.3
2.5
Output voltage
VO
–0.3
4.6
V
Input clamp current
Digital input (per pin), IIK (VIN < VSS or VIN > VDDIO)(3)
–20
20
mA
Analog input (per pin), IIKANALOG
(VIN < VSSA or VIN > VDDA)
–20
20
Total for all inputs, IIKTOTAL
(VIN < VSS/VSSA or VIN > VDDIO/VDDA)
–20
20
Output clamp current
IOK (VO < 0 or VO > VDDIO)
–20
20
mA
Junction temperature(4)
TJ
–40
150
°C
Storage temperature(4)
Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Section 7.4 is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS, unless otherwise noted.
(3)
Continuous clamp current per pin is ±2 mA.
(4)
Long-term high-temperature storage or extended use at maximum temperature conditions may result in a reduction of overall device
life. For additional information, see Semiconductor and IC Package Thermal Metrics.
www.ti.com
TMS320F28069, TMS320F28069M, TMS320F28069F, TMS320F28068M, TMS320F28068F
TMS320F28067, TMS320F28066, TMS320F28065, TMS320F28064, TMS320F28063
TMS320F28062, TMS320F28062F
SPRS698I – NOVEMBER 2010 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMS320F28069 TMS320F28069M TMS320F28069F TMS320F28068M
TMS320F28068F TMS320F28067 TMS320F28066 TMS320F28065 TMS320F28064 TMS320F28063
TMS320F28062 TMS320F28062F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com