Electronic Components Datasheet Search
  English  ▼

X  

ADL5580 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5580
Description  Fully Differential, 10 GHz ADC Driver with 10 dB Gain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5580 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5580 Datasheet HTML 2Page - Analog Devices ADL5580 Datasheet HTML 3Page - Analog Devices ADL5580 Datasheet HTML 4Page - Analog Devices ADL5580 Datasheet HTML 5Page - Analog Devices ADL5580 Datasheet HTML 6Page - Analog Devices ADL5580 Datasheet HTML 7Page - Analog Devices ADL5580 Datasheet HTML 8Page - Analog Devices ADL5580 Datasheet HTML 9Page - Analog Devices ADL5580 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
ADL5580
Data Sheet
Rev. 0 | Page 6 of 22
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Output Voltage
SDIO
At 1.8 V
Register 0x200, Bit 0 = 0x0
High (VOH)
Output high current (IOH) = −100 µA or
−1 mA static load
1.5
V
Low (VOL)
Output low current (IOL) = 100 μA or 1 mA static load
0.2
V
At 3.3 V
Register 0x200, Bit 0 = 0x1
VOH
IOH = −100 μA or −1 mA static load
2.7
V
VOL
IOL = 100 μA or 1 mA static load
0.2
V
SUPPLY AND POWER SPECIFICATIONS
Power
1.76
W
Shutdown Power
At room temperature
11
mW
Shutdown Current
At room temperature
2
mA
Positive Supply
Voltage (VPAVCC)
5%
4.75
5.0
5.25
V
Current (IPAVCC)
276
mA
Negative Supply
Voltage (VMAVEE)
5%
−1.7
−1.8
−1.89 V
Current (IMAVEE)
−224
mA
1
S parameters are taken with the device under test (DUT) itself. The printed circuit board (PCB) is not used in the measurement.
2
NSD RTI is calculated from noise figure as follows, assuming that RS = RL:
NSD (RTI) = ½ ×
/10
4 × (10
1) ×
NF
IN
kT
R
−
where:
k is Boltzmann's constant, which equals 1.381 × 10−23J/K.
T is the standard absolute temperature for evaluating noise figure, which equals 290 K.
RIN is the differential input impedance of the amplifier, which equals 100 Ω.
DIGITAL LOGIC TIMING
Table 2.
Parameter
Description
Min
Typ
Max
Unit
fSCLK
Maximum serial clock rate, 1/tSCLK (tSCLK is the SCLK time)
25
MHz
tPWH
Minimum period that SCLK is in logic high state
10
ns
tPWL
Minimum period that SCLK is in logic low state
10
ns
tDS
Setup time between data and rising edge of SCLK
5
ns
tDH
Hold time between data and rising edge of SCLK
5
ns
tDCS
Setup time between falling edge of CS and rising edge of SCLK
10
ns
tH
Hold time between rising edge of CS and the last falling edge of SCLK
10
ns
tDV
Maximum time delay between falling edge of SCLK and output data valid for a read operation
5
14
ns
tz
Maximum time delay between CS deactivation and SDIO bus return to high impedance
12
ns
Timing Diagrams
R/W
A3
A2
A1
A0 D7N D6N D5N
D00
D10
D20
D30
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
A7
A6
A5
A4
A8
A13 A12
A14
ADDRESS
A11 A10 A9
SCLK
CS
SDI
Figure 2. Serial Port Interface Register Timing, MSB First



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com