Electronic Components Datasheet Search
  English  ▼

X  

ADL5580 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5580
Description  Fully Differential, 10 GHz ADC Driver with 10 dB Gain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5580 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5580 Datasheet HTML 11Page - Analog Devices ADL5580 Datasheet HTML 12Page - Analog Devices ADL5580 Datasheet HTML 13Page - Analog Devices ADL5580 Datasheet HTML 14Page - Analog Devices ADL5580 Datasheet HTML 15Page - Analog Devices ADL5580 Datasheet HTML 16Page - Analog Devices ADL5580 Datasheet HTML 17Page - Analog Devices ADL5580 Datasheet HTML 18Page - Analog Devices ADL5580 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Data Sheet
ADL5580
Rev. 0 | Page 15 of 22
THEORY OF OPERATION
The ADL5580 is a fixed voltage gain (10 dB), fully differential,
high linearity amplifier, and ADC driver that operates on a dual
power supply voltage, +5 V and −1.8 V.
The small signal −3 dB bandwidth is 10.0 GHz, and all of the
integrated building blocks of the ADL5580 are programmable via
the SPI.
RF INPUT AND OUTPUT WITH COMMON-MODE
NETWORK
The input impedance is 100 Ω differential, and the output
impedance is 50 Ω differential, which allows users to drive
ADCs like the AD9213 directly without any matching networks,
that is at a 50 Ω differential input. For load conditions other
than 50 Ω differential, external termination networks are
required.
The input and output termination blocks have four operation
modes that allow users to set the input and output common-
mode operation through Register 0x100, Bits[7:0], see Table 7.
In Mode 00, the VCM terminal must be provided externally on
the input termination and the output termination blocks.
For Mode 01, the internal voltage generator (the voltage controlled
by two bits) is activated, and the VCM terminal input and output
termination blocks are driven to the internal reference voltage.
If the internal reference voltage and the connecting termination
blocks have a different VCM, the behavior of the system is
undefined and must be avoided.
Mode 10 is identical to Mode 01 except that the VCMO and
VCMI pins are driven to the internal reference voltage to
convey the internal VCM to the connecting termination blocks.
Use Mode 11 to set the internal VCM termination to externally
provide the voltage for the VCMx pins.
RF SIGNAL CHAIN
The ADL5580 provides another level of control to optimize
flatness or wider bandwidth. In applications where flatness is
critical, the ADL5580 offers flatness optimization at the
expense of the operating bandwidth. However, if the operating
bandwidth is critical, the ADL5580 offers tuning options
through the peaking control bits, PRG_CPEAK_1P8V
(Register 0x101, Bits[6:4]).
Enable
The enable bits (EN_AMP_1P8V and EN_REF_1P8V) are
located in Register 0x101, Bit 1 and Bit 0, respectively. These
particular enable bits control enabling the amplifier (EN_
AMP_1P8V) and the reference (EN_REF_1P8V). The ADL5580
can be enabled or disabled by using the EN pin (Pin 19), a real-
time external pin with no SPI latency
PROGRAMMABILITY GUIDE
Viewing the register map at the highest level, the registers are
subdivided into three memory map functional blocks (see Table 6).
See Table 9 for a complete list of all the registers on the
ADL5580.
Table 6. Memory Map Functional Blocks
Register Address
Functional Blocks
0x000 to 0x011
Analog Devices SPI configuration
0x100 to 0x101, 0x200
Signal path configuration, enable
0x300
Optional linearity optimization
SPI
The SPI of the ADL5580 allows the user to configure the device
for specific functions or operations via a 3-wire SPI port. It
includes enable blocks, the bias current level, transfer function
peaking, change input and output termination block operation
modes, and change input and output VCM termination for
certain operation modes. This SPI provides users with added
flexibility and customization and consists of three control lines:
SCLK, SDIO, and CS. The timing requirements for the SPI port
are shown in Table 2.
The ADL5580 input logic level for the write cycle is with a 1.8 V
logic level.
On a read cycle, the SDIO is configurable for 1.8 V (default) or
3.3 V output levels by setting the SPI_1P8_3P3_CTRL bit
(Register 0x200, Bit 0).
Table 7. Common-Mode Setup Modes
Register 0x100, Bits[7:6]
Register 0x100, Bits[5:4]
Register 0x100, Bits[3:2]
Register 0x100, Bits[1:0]
Mode
Output VCM (V)
Output Internal VCM
VCMO Pin
Input VCM (V)
Input Internal VCM
VCMI Pin
00
0.41
Disabled
Disconnect
1.39
Disabled
Disconnect
01
0.51
Enabled
Disconnect
1.53
Enabled
Disconnect
10
0.60
Enabled
Export
1.67
Enabled
Export
11
0.70
Disabled
Import
1.80
Disabled
Import



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com