Electronic Components Datasheet Search
  English  ▼

X  

ADL5580 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5580
Description  Fully Differential, 10 GHz ADC Driver with 10 dB Gain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5580 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5580 Datasheet HTML 14Page - Analog Devices ADL5580 Datasheet HTML 15Page - Analog Devices ADL5580 Datasheet HTML 16Page - Analog Devices ADL5580 Datasheet HTML 17Page - Analog Devices ADL5580 Datasheet HTML 18Page - Analog Devices ADL5580 Datasheet HTML 19Page - Analog Devices ADL5580 Datasheet HTML 20Page - Analog Devices ADL5580 Datasheet HTML 21Page - Analog Devices ADL5580 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
ADL5580
Data Sheet
Rev. 0 | Page 18 of 22
REGISTER SUMMARY
Table 9.
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x000
ADI_SPI_CONFIG
[7:0]
SOFTRESET_
LSB_FIRST_
ENDIAN_
SDOACTIVE_
SDOACTIVE
ENDIAN
LSB_FIRST
SOFTRESET
0x00
R/W
0x001
REG_0X0001
[7:0]
SINGLE_
INTSTRUCTION
CSB_STALL
MASTER_
SLAVE_
RB
RESERVED
SOFT_RESET
MASTER_
SLAVE_
TRANSFER
0x00
R/W
0x003
CHIPTYPE
[7:0]
CHIPTYPE
0x01
R
0x004
PRODUCT_ID_L
[7:0]
PRODUCT_ID_L
0x03
R
0x005
PRODUCT_ID_H
[7:0]
PRODUCT_ID_H
0x00
R
0x00A
SCRATCHPAD
[7:0]
SCRATCHPAD
0x00
R/W
0x00B
SPI_REV
[7:0]
SPI_REV
0x00
R
0x010
VARIANT_FEOL
[7:0]
FEOL
VARIANT
0x00
R
0x011
BEOL_SIF
[7:0]
SIF
BEOL
0x00
R
0x100
GEN_CTL0
[7:0]
PRG_OTRM_1P8V
MS_OTRM_1P8V
PRG_ITRM_1P8V
MS_ITRM_1P8V
0x78
R/W
0x101
GEN_CTL1
[7:0]
RESERVED
PRG_CPEAK_1P8V
RESERVED
EN_AMP_1P8V
EN_REF_1P8V
0x33
R/W
0x200
SPI_CTL
[7:0]
RESERVED
SPI_1P8_
3P3_CTRL
0x01
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com