Electronic Components Datasheet Search
  English  ▼

X  

ADL5580 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5580
Description  Fully Differential, 10 GHz ADC Driver with 10 dB Gain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5580 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5580 Datasheet HTML 10Page - Analog Devices ADL5580 Datasheet HTML 11Page - Analog Devices ADL5580 Datasheet HTML 12Page - Analog Devices ADL5580 Datasheet HTML 13Page - Analog Devices ADL5580 Datasheet HTML 14Page - Analog Devices ADL5580 Datasheet HTML 15Page - Analog Devices ADL5580 Datasheet HTML 16Page - Analog Devices ADL5580 Datasheet HTML 17Page - Analog Devices ADL5580 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
ADL5580
Data Sheet
Rev. 0 | Page 14 of 22
FREQUENCY (1.000MHz TO 10.00GHz)
2.0
2.0
5.0
5.0
10
10
20
20
1.0
1.0
0.5
0.5
0.2
–0.2
–2.0
–5.0
–10
–20
–0.5
–1.0
H
Figure 30. SDD11 Impedance vs. Frequency (Red: CPEAK = 0, Green: CPEAK = 3,
and Blue: CPEAK = 7) (SDD11 Is the Differential S11)
FREQUENCY (1.000MHz TO 10.00GHz)
2.0
2.0
5.0
5.0
10
10
20
20
1.0
1.0
0.5
0.5
0.2
–0.2
–2.0
–5.0
–10
–20
–0.5
–1.0
H
Figure 31. SDD22 Impedance vs. Frequency (Red: CPEAK = 0, Green: CPEAK = 3,
and Blue: CPEAK = 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com