Electronic Components Datasheet Search
  English  ▼

X  

SI5000 Datasheet(PDF) 6 Page - ifm electronic Ltd.

Part # SI5000
Description  Operating instructions Flow monitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IFM [ifm electronic Ltd.]
Direct Link  https://www.ifm.com/
Logo IFM - ifm electronic Ltd.

SI5000 Datasheet(HTML) 6 Page - ifm electronic Ltd.

Back Button SI5000 Datasheet HTML 2Page - ifm electronic Ltd. SI5000 Datasheet HTML 3Page - ifm electronic Ltd. SI5000 Datasheet HTML 4Page - ifm electronic Ltd. SI5000 Datasheet HTML 5Page - ifm electronic Ltd. SI5000 Datasheet HTML 6Page - ifm electronic Ltd. SI5000 Datasheet HTML 7Page - ifm electronic Ltd. SI5000 Datasheet HTML 8Page - ifm electronic Ltd. SI5000 Datasheet HTML 9Page - ifm electronic Ltd. SI5000 Datasheet HTML 10Page - ifm electronic Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
3.2 Sources of interference in the pipe system
Components integrated in the pipes, bends, valves, reductions, etc� lead to turbu-
lence of the medium� This affects the function of the unit�
Recommendation: Adhere to the distances between sensor and sources of
interference:
5...10 x D
Low
High
Flow
0 1 2 3 4 5 6 7 8 9
Setpoint
S
3...5 x D
Low
High
Flow
0 1 2 3 4 5 6 7 8 9
Setpoint
S
D = pipe diameter; S = sources of interference
3.3. Mounting operation
► Ensure that the system is free of pressure during installation�
► Ensure that no media can leak at the mounting location during installa-
tion�
1
2
3
A
► Grease the threads of the process connection (1), adapter (2) and nut (3)�
Note: The sensor tip (A) must not be in contact with grease�
► Screw the suitable adapter into the process connection�
► Place the flow monitor onto the adapter and tighten the nut� Tightening torque
25 Nm� Ensure that the unit is correctly oriented�



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com