Electronic Components Datasheet Search
  English  ▼

X  

SI5000 Datasheet(PDF) 10 Page - ifm electronic Ltd.

Part # SI5000
Description  Operating instructions Flow monitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IFM [ifm electronic Ltd.]
Direct Link  https://www.ifm.com/
Logo IFM - ifm electronic Ltd.

SI5000 Datasheet(HTML) 10 Page - ifm electronic Ltd.

Back Button SI5000 Datasheet HTML 5Page - ifm electronic Ltd. SI5000 Datasheet HTML 6Page - ifm electronic Ltd. SI5000 Datasheet HTML 7Page - ifm electronic Ltd. SI5000 Datasheet HTML 8Page - ifm electronic Ltd. SI5000 Datasheet HTML 9Page - ifm electronic Ltd. SI5000 Datasheet HTML 10Page - ifm electronic Ltd. SI5000 Datasheet HTML 11Page - ifm electronic Ltd. SI5000 Datasheet HTML 12Page - ifm electronic Ltd. SI5000 Datasheet HTML 13Page - ifm electronic Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
7.3 Restore the factory setting (reset)
► Press the pushbutton
for at least 15 s�
> LED 9 lights, after approx� 5 s it flashes�
> After approx� 15 s LEDs 0���9 flash orange�
► Release the pushbutton� All settings are reset to the factory setting:
- operating area: 5 ���100 cm/s for water
- switch point: LED 7
- output function: NO
- unlocked�
7.4 Lock / unlock the unit
The unit can be locked electronically to prevent unintentional settings�
► Press both setting pushbuttons simultaneously for at least 10 s in the operating
mode�
> The indication goes out, the unit locks or unlocks�
On delivery: unlocked�
8 Error during adjustment
If no adjustment is possible, all LEDs flash red� The unit then passes into the
operating mode with unchanged values�
Possible cause /aid:
Error during installation�
► Read chapter 3 Installation�
Check whether all requirements have
been met�
The difference between maximum flow and
minimum flow is too small�
► Increase the flow difference and carry
out the adjustment once again�
The sequence high flow /low flow adjust-
ment was not adhered to�
► Carry out the two adjustment operations
again in the right sequence�



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com