Electronic Components Datasheet Search
  English  ▼

X  

SI5000 Datasheet(PDF) 8 Page - ifm electronic Ltd.

Part # SI5000
Description  Operating instructions Flow monitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IFM [ifm electronic Ltd.]
Direct Link  https://www.ifm.com/
Logo IFM - ifm electronic Ltd.

SI5000 Datasheet(HTML) 8 Page - ifm electronic Ltd.

Back Button SI5000 Datasheet HTML 4Page - ifm electronic Ltd. SI5000 Datasheet HTML 5Page - ifm electronic Ltd. SI5000 Datasheet HTML 6Page - ifm electronic Ltd. SI5000 Datasheet HTML 7Page - ifm electronic Ltd. SI5000 Datasheet HTML 8Page - ifm electronic Ltd. SI5000 Datasheet HTML 9Page - ifm electronic Ltd. SI5000 Datasheet HTML 10Page - ifm electronic Ltd. SI5000 Datasheet HTML 11Page - ifm electronic Ltd. SI5000 Datasheet HTML 12Page - ifm electronic Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
6 Set-up and settings for water
(For media other than water → 7�1: Low flow adjustment)�
► Switch on the supply voltage�
> All LEDs light and go out again step by step� During this time the output is
closed (if configured as normally open)� The unit is in the operating mode�
► Let the normal flow circulate in the installation�
► Check the display and determine further actions�
1
Low
High
Flow
0 1 2 3 4 5 6 7 8 9
The factory setting is suitable for the applica-
tion�
► No further settings are required�
2
Low
High
Flow
0 1 2 3 4 5 6 7 8 9
Your normal flow is below the representation
range of the display�
2 setting options:
► Change the switch point (→ 6�1)�
► Carry out high flow adjustment (→ 6�2)�
3
Low
High
Flow
0 1 2 3 4 5 6 7 8 9
Your normal flow exceeds the representation
range of the display (LED 9 flashes)�
► Carry out high flow adjustment (→ 6�2)�
You can restore the factory setting any time� (→ 7�3)�
6.1 Change the switch point (optional)
For the factory setting the switch point is at LED 7� A change makes sense if:
• the display shows example 2�
• the flow fluctuates much or pulsates�
• if a faster response time of the unit is requested (low switch point = fast re-
sponse with rising flow, high switch point = fast response with falling flow)�
► Briefly press the pushbutton
or
�
> The switch point LED flashes�
► Press the pushbutton
or
as often as required� Each press of the push-
button shifts the LED by one position in the indicated direction�
Note: If no pushbutton is pressed for 2 s, the unit returns to the operating mode
with the newly set value�



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com