Electronic Components Datasheet Search
  English  ▼

X  

SI5000 Datasheet(PDF) 11 Page - ifm electronic Ltd.

Part # SI5000
Description  Operating instructions Flow monitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IFM [ifm electronic Ltd.]
Direct Link  https://www.ifm.com/
Logo IFM - ifm electronic Ltd.

SI5000 Datasheet(HTML) 11 Page - ifm electronic Ltd.

Back Button SI5000 Datasheet HTML 5Page - ifm electronic Ltd. SI5000 Datasheet HTML 6Page - ifm electronic Ltd. SI5000 Datasheet HTML 7Page - ifm electronic Ltd. SI5000 Datasheet HTML 8Page - ifm electronic Ltd. SI5000 Datasheet HTML 9Page - ifm electronic Ltd. SI5000 Datasheet HTML 10Page - ifm electronic Ltd. SI5000 Datasheet HTML 11Page - ifm electronic Ltd. SI5000 Datasheet HTML 12Page - ifm electronic Ltd. SI5000 Datasheet HTML 13Page - ifm electronic Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
UK
9 Operation
After every power on all LEDs light and go out again step by step (during this time
the output is closed if configured as normally open)� The unit is then ready for
operation�
In case of power failure or interruption all settings remain�
Operating indicators
0 1 2 3 4 5 6 7 8 9
Green LED bar: Current flow within the representa-
tion range�
Indication of the switch point (SP):
- LED orange: output closed�
- LED red: output open�
0 1 2 3 4 5 6 7 8 9
LED 9 flashes: current flow above the
representation range�
0 1 2 3 4 5 6 7 8 9
LED 0 flashes: current flow far below the represen-
tation range�
Interference indicators
0 1 2 3 4 5 6 7 8 9
0 1 2 3 4 5 6 7 8 9
Short circuit at the switching output:
The operating indicator and red LEDs light
alternately�
If the short circuit has been rectified, the unit im-
mediately passes into the normal operating state�
The current operating state is displayed�
Display OFF
(no LED lights):
Operating voltage too low (< 19 V) or failed�
Ensure a correct voltage supply�
10 Maintenance
Recommended maintenance:
► Check the sensor tip for build-up from time to time�
► Clean it using a soft cloth� Stubborn build-up (e�g� lime) can be removed using
a common vinegar cleaning agent�



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com