Electronic Components Datasheet Search
  English  ▼

X  

LT8253 Datasheet(PDF) 16 Page - Analog Devices

Part # LT8253
Description  40V USB Type-C Power Delivery Buck-Boost Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8253 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8253 Datasheet HTML 12Page - Analog Devices LT8253 Datasheet HTML 13Page - Analog Devices LT8253 Datasheet HTML 14Page - Analog Devices LT8253 Datasheet HTML 15Page - Analog Devices LT8253 Datasheet HTML 16Page - Analog Devices LT8253 Datasheet HTML 17Page - Analog Devices LT8253 Datasheet HTML 18Page - Analog Devices LT8253 Datasheet HTML 19Page - Analog Devices LT8253 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LT8253/LT8253A
16
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
To prevent maximum junction temperature from being
exceeded, the input supply current must be checked oper-
ating in continuous mode at maximum VIN.
Top Gate MOSFET Driver Supply (CBST1, CBST2)
The top MOSFET drivers, TG1 and TG2, are driven between
their respective SW and BST pin voltages. The boost volt-
ages are biased from floating bootstrap capacitors CBST1
and CBST2, which are normally recharged through inter-
nal bootstrap diodes when the respective top MOSFET
is turned off. Both capacitors are charged to the same
voltage as the INTVCC voltage. The bootstrap capacitors
CBST1 and CBST2, need to store about 100 times the gate
charge required by the top switches A and D. In most
applications, a 0.1µF to 0.47µF, X5R or X7R dielectric
capacitor is adequate.
Programming VIN UVLO
A resistor divider from VIN to the EN/UVLO pin imple-
ments VIN undervoltage lockout (UVLO). The EN/UVLO
enable falling threshold is set at 1.220V with 13mV hyster-
esis. In addition, the EN/UVLO pin sinks 2.5µA when the
voltage on the pin is below 1.220V. This current provides
user programmable hysteresis based on the value of R1.
The programmable UVLO thresholds are:
VIN(UVLO+) = 1.233V •
R1
+ R2
R2
+ 2.5µA • R1
VIN(UVLO�) = 1.220V •
R1
+ R2
R2
Figure 8 shows the implementation of external shut-down
control while still using the UVLO function. The NMOS
grounds the EN/UVLO pin when turned on, and puts the
LT8253/LT8253A in shutdown with quiescent current less
than 2µA.
Figure 8. VIN Undervoltage Lockout (UVLO)
Programming Output Voltage and Thresholds
The LT8253/LT8253A have a voltage feedback pin FB
that can set the output voltage with R3 and R4 (Figure 9)
according to the following equation:
VOUT = 1V •
R3
+ R4
R4
In addition, the FB pin also sets output overvoltage
threshold, output power good thresholds, and output
short threshold. For an application with small output
capacitors, the output voltage may overshoot a lot during
load transient event. Once the FB pin hits its overvoltage
LT8253/LT8253A
VIN
R1
R2
RUN/STOP
CONTROL
(OPTIONAL)
8253A F08
EN/UVLO
GND
LT8253/LT8253A
VOUT
R3
R4
8352A F09
FB
Figure 9. Feedback Resistor Connection
threshold 1.1V, the LT8253/LT8253A stop switching by
turning off TG1, BG1, TG2, and BG2. The output overvolt-
age threshold can be set as:
VOUT(OVP) = 1.1V •
R3
+ R4
R4
To provide the output short-circuit detection and protec-
tion, the output short falling threshold can be set as:
VOUT(SHORT) = 0.25V •
R3
+ R4
R4
Power GOOD (PGOOD) Pin
The LT8253/LT8253A provide an open-drain status pin,
PGOOD, which is pulled low when VFB is within ±10% of
the 1.00V regulation voltage. The PGOOD pin is allowed
to be pulled up by an external resistor to INTVCC or an
external voltage source of up to 6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com