Electronic Components Datasheet Search
  English  ▼

X  

LT8253 Datasheet(PDF) 2 Page - Analog Devices

Part # LT8253
Description  40V USB Type-C Power Delivery Buck-Boost Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8253 Datasheet(HTML) 2 Page - Analog Devices

  LT8253 Datasheet HTML 1Page - Analog Devices LT8253 Datasheet HTML 2Page - Analog Devices LT8253 Datasheet HTML 3Page - Analog Devices LT8253 Datasheet HTML 4Page - Analog Devices LT8253 Datasheet HTML 5Page - Analog Devices LT8253 Datasheet HTML 6Page - Analog Devices LT8253 Datasheet HTML 7Page - Analog Devices LT8253 Datasheet HTML 8Page - Analog Devices LT8253 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT8253/LT8253A
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UVLO............................................................42V
VOUT..........................................................................30V
BST1 .........................................................................48V
BST2.........................................................................36V
SW1, LSP, LSN.............................................. −6V to 42V
SW2.............................................................. −6V to 30V
INTVCC, (BST1-SW1), (BST2-SW2) ............................6V
(BST1-LSP), (BST1-LSN) ...........................................6V
FB, VOUTEN, SYNC/SPRD, PGOOD.............................6V
Operating Junction Temperature Range (Notes 2, 3)
LT8253E, LT8253AE .......................... −40°C to 125°C
LT8253J, LT8253AJ........................... −40°C to 150°C
LT8253H, LT8353AH ......................... −40°C to 150°C
Storage Temperature Range .................. −65°C to 150°C
(Note 1)
9 10
TOP VIEW
UFDM PACKAGE
28-LEAD (4mm × 5mm) PLASTIC SIDE SOLDERABLE QFN
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
TG1
LSP
LSN
VIN
INTVCC
EN/UVLO
TEST
VOUTEN
TG2
VOUT
NC
SYNC/SPRD
RT
VC
FB
SS
7
17
18
19
20
21
22
16
8
15
29
GND
θJA = 43°C/W, θJC = 3.4°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART
MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8253EUFDM#PBF
LT8253EUFDM#TRPBF
8253
28-Lead (4mm x 5mm) Plastic Side Solderable QFN –40°C to 125°C
LT8253JUFDM#PBF
LT8253JUFDM#TRPBF
8253
28-Lead (4mm x 5mm) Plastic Side Solderable QFN –40°C to 150°C
LT8253HUFDM#PBF
LT8253HUFDM#TRPBF
8253
28-Lead (4mm x 5mm) Plastic Side Solderable QFN –40°C to 150°C
LT8253AEUFDM#PBF
LT8253AEUFDM#TRPBF
8253A
28-Lead (4mm x 5mm) Plastic Side Solderable QFN –40°C to 125°C
LT8253AJUFDM#PBF
LT8253AJUFDM#TRPBF
8253A
28-Lead (4mm x 5mm) Plastic Side Solderable QFN –40°C to 150°C
LT8253AHUFDM#PBF
LT8253AHUFDM#TRPBF 8253A
28-Lead (4mm x 5mm) Plastic Side Solderable QFN –40°C to 150°C
AUTOMOTIVE PRODUCTS**
LT8253JUFDM#WPBF
LT8253JUFDM#WTRPBF 8253
28-Lead (4mm x 5mm) Plastic Side Solderable QFN –40°C to 150°C
LT8253HUFDM#WPBF
LT8253HUFDM#WTRPBF 8253
28-Lead (4mm x 5mm) Plastic Side Solderable QFN –40°C to 150°C
LT8253AJUFDM#WPBF
LT8253AJUFDM#WTRPBF 8253A
28-Lead (4mm x 5mm) Plastic Side Solderable QFN –40°C to 150°C
LT8253AHUFDM#WPBF
LT8253AHUFDM#WTRPBF 8253A
28-Lead (4mm x 5mm) Plastic Side Solderable QFN –40°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by aLabel on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications.
These models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact
yourLocal Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com