Electronic Components Datasheet Search
  English  ▼

X  

LT8253 Datasheet(PDF) 20 Page - Analog Devices

Part # LT8253
Description  40V USB Type-C Power Delivery Buck-Boost Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8253 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT8253 Datasheet HTML 12Page - Analog Devices LT8253 Datasheet HTML 13Page - Analog Devices LT8253 Datasheet HTML 14Page - Analog Devices LT8253 Datasheet HTML 15Page - Analog Devices LT8253 Datasheet HTML 16Page - Analog Devices LT8253 Datasheet HTML 17Page - Analog Devices LT8253 Datasheet HTML 18Page - Analog Devices LT8253 Datasheet HTML 19Page - Analog Devices LT8253 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT8253/LT8253A
20
Rev. 0
For more information www.analog.com
www.analog.com
ANALOG DEVICES, INC. 2020
09/20
TYPICAL APPLICATION
L1
1.5µH
0.1µF
0.1µF
200k
59.0k
22nF
5m
RS1
D1
D2
M1
M2
M4
M3
0.47µF
100k
VIN
VOUT
EN/UVLO
FB
SSFM ON
NO SSFM/SYNC
SYNC
D1-D2: NEXPERIA BAT46WJ
D3: DIODES INC BZT52C12TQ-7-F
D4-D5: NEXPERIA PMEG2010AEB
FBIN: 2x MURATA BLM31KN471SZ1L
FBOUT: 2x TDK MPZ2012S102ATD25
L1: COILCRAFT XEL5030-152ME
M1-M4: INFINEON IPZ40N04S5L-7R4
M5: DIODES INC DMP3010LPSQ
RS1: SUSUMU KRL3216D-M-R005
RS2: SUSUMU KRL2012
LT8253A
SW2
SW1
INTVCC
PGOOD
SYNC/SPRD
VC
RT
SS
2MHz
LSP
LSN
BST1
BST
INTVCC
INTVCC
BG1
TG1
BG2
TG2
1µF
50V
1µF
25V
VREF
VOUTEN
TEST
GND
2x
10µF
50V
2x
10µF
25V
VIN
47µF
50V
4.7µF
36k
1nF
200k
50k
100µF
25V
4.7µF
25V
VBUS
CC1
CC2
GND
D+2
D-1
D+1
D-2
USB Type-C
P1.0
P0.0
P0.1
P2.1
P_CTRL
C_CTRL
DP1
DM1
C_MON
CC1
CC2
DP0
DM0
GND
VCCD
VDDD
COMP
FB
CSP
VBUS_IN
CYPD3196
221k
10k
PVIN
1M
59k
0.1µF
D3
M5
470
10nF
RS2
5m
6.04k
DP0
390pF
390pF
SHEILD
100k
2.2nF
2kV
PVIN
1µF
+
0.1µF
1µF
+
0.1µF
1µF
+
0.1µF
VOUTEN
VOUTEN
EXT SYNC
2
5.1
D4
10µF
+
0.1µF
FBIN
10µF
+
0.1µF
FBOUT
2
D5
5.1
T1
T2
100k
10nF
10k
T1
INTVCC
NTC
100k
10nF
10k
T2
INTVCC
NTC
50V
8253A TA02
Automotive 45W USB-C Power Delivery Charger (2MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com