Electronic Components Datasheet Search
  English  ▼

X  

LT8253 Datasheet(PDF) 17 Page - Analog Devices

Part # LT8253
Description  40V USB Type-C Power Delivery Buck-Boost Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8253 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8253 Datasheet HTML 12Page - Analog Devices LT8253 Datasheet HTML 13Page - Analog Devices LT8253 Datasheet HTML 14Page - Analog Devices LT8253 Datasheet HTML 15Page - Analog Devices LT8253 Datasheet HTML 16Page - Analog Devices LT8253 Datasheet HTML 17Page - Analog Devices LT8253 Datasheet HTML 18Page - Analog Devices LT8253 Datasheet HTML 19Page - Analog Devices LT8253 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LT8253/LT8253A
17
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Soft-Start and Short-Circuit Protection
As shown in Figure 6 and explained in the Operation sec-
tion, the SS pin can be used to program the output volt-
age soft-start by connecting an external capacitor from
the SS pin to ground. The internal 12.5µA pull-up current
charges up the capacitor, creating a voltage ramp on the
SS pin. As the SS pin voltage rises linearly from 0.25V
to 1V (and beyond), the output voltage rises smoothly
into its final voltage regulation. The soft-start time can
be calculated as:
tSS = 1V •
CSS
12.5µA
Make sure the CSS is at least five to ten times larger than
the compensation capacitor on the VC pin for a well-con-
trolled output voltage soft-start.
The SS pin is also used as a fault timer. Once an output
short-circuit fault is detected, a 1.25µA pull-down current
source is activated. Using a single resistor from the SS
pin to the VREF pin, the LT8253/LT8253A can be set to
three different fault protection modes: hiccup (no resis-
tor), latch-off (499k), and keep-running (100k).
With a 100k resistor in keep-running mode, the LT8253/
LT8253A continue switching normally and regulates the
current into ground. With a 499k resistor in latch-off
mode, the LT8253/LT8253A stop switching until the EN/
UVLO pin is pulled low and high to restart. With no resis-
tor in hiccup mode, the LT8253/LT8253A enter low duty
cycle auto-retry operation. The 1.25µA pull-down current
discharges the SS pin to 0.2V and then 12.5µA pull-up
current charges the SS pin up. If the output short-circuit
condition has not been removed when the SS pin reaches
1.75V, the 1.25µA pull-down current turns on again, ini-
tiating a new hiccup cycle. This will continue until the
fault is removed. Once the output short-circuit condition
is removed, the output will have a smooth short-circuit
recovery due to soft-start.
Loop Compensation
The LT8253/LT8253A use an internal transconductance
error amplifier, the output of which, VC, compensates the
control loop. The external inductor, output capacitor, and
the compensation resistor and capacitor determine the
loop stability.
The inductor and output capacitor are chosen based on
performance, size and cost. The compensation resistor
and capacitor on the VC pin are set to optimize control
loop response and stability.
Efficiency Considerations
The power efficiency of a switching regulator is equal
to the output power divided by the input power times
100%. It is often useful to analyze individual losses
to determine what is limiting the efficiency and which
change would produce the most improvement. Although
all dissipative elements in circuits produce losses, four
main sources account for most of the losses in LT8253/
LT8253A circuits:
1. DC I2R losses. These arise from the resistances of the
MOSFETs, sensing resistor, inductor and PC board
traces and cause the efficiency to drop at high output
currents.
2. Transition loss. This loss arises from the brief amount
of time switch A or switch C spends in the saturated
region during switch node transitions. It depends
upon the input voltage, load current, driver strength
and MOSFET capacitance, among other factors.
3. INTVCC current. This is the sum of the MOSFET driver
and control currents.
4. CIN and COUT loss. The input capacitor has the diffi-
cult job of filtering the large RMS input current to the
regulator in buck region. The output capacitor has the
difficult job of filtering the large RMS output current in
boost region. Both CIN and COUT are required to have
low ESR to minimize the AC I2R loss and sufficient
capacitance to prevent the RMS current from causing
additional upstream losses in fuses or batteries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com