Electronic Components Datasheet Search
  English  ▼

X  

LT8393EUFDM Datasheet(PDF) 7 Page - Analog Devices

Part # LT8393EUFDM
Description  60VIN, 100VOUT Synchronous 4-Switch Buck-Boost LED Driver Controller with Low EMI
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8393EUFDM Datasheet(HTML) 7 Page - Analog Devices

Back Button LT8393EUFDM Datasheet HTML 3Page - Analog Devices LT8393EUFDM Datasheet HTML 4Page - Analog Devices LT8393EUFDM Datasheet HTML 5Page - Analog Devices LT8393EUFDM Datasheet HTML 6Page - Analog Devices LT8393EUFDM Datasheet HTML 7Page - Analog Devices LT8393EUFDM Datasheet HTML 8Page - Analog Devices LT8393EUFDM Datasheet HTML 9Page - Analog Devices LT8393EUFDM Datasheet HTML 10Page - Analog Devices LT8393EUFDM Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LT8393
7
Rev. A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2). VIN = 12V, VEN/UVLO = 1.5V unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT8393E is guaranteed to meet performance specifications
from 0°C to 125°C operating junction temperature. Specifications over
the –40°C to 125°C operating junction temperature range are assured by
design, characterization and correlation with statistical process controls.
The LT8393J and LT8393H are guaranteed over the –40°C to 150°C
operating junction temperature range. High junction temperatures degrade
operating lifetimes. Operating lifetime is derated at junction temperatures
greater than 125°C.
Note 3: The LT8393 includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 150°C when overtemperature protection is active.
Continuous operation above the specified absolute maximum operating
junction temperature may impair device reliability.
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs LED Current
(Buck Region)
Efficiency vs LED Current
(Buck-Boost Region)
Efficiency vs LED Current
(Boost Region)
LED CURRENT (A)
0
20
90
80
70
60
50
40
30
100
1.5
2
8393 G01
0.5
1
VIN = 32V, VLED = 16V, fSW = 350KHz
LED CURRENT (A)
0
20
90
80
70
60
50
40
30
100
1.5
2
8393 G02
0.5
1
VIN = 16V, VLED = 16V, fSW = 350KHz
LED CURRENT (A)
0
20
90
80
70
60
50
40
30
100
1.5
2
8393 G03
0.5
1
VIN = 8V, VLED = 16V, fSW = 350KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com