Electronic Components Datasheet Search
  English  ▼

X  

LT8393EUFDM Datasheet(PDF) 9 Page - Analog Devices

Part # LT8393EUFDM
Description  60VIN, 100VOUT Synchronous 4-Switch Buck-Boost LED Driver Controller with Low EMI
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8393EUFDM Datasheet(HTML) 9 Page - Analog Devices

Back Button LT8393EUFDM Datasheet HTML 5Page - Analog Devices LT8393EUFDM Datasheet HTML 6Page - Analog Devices LT8393EUFDM Datasheet HTML 7Page - Analog Devices LT8393EUFDM Datasheet HTML 8Page - Analog Devices LT8393EUFDM Datasheet HTML 9Page - Analog Devices LT8393EUFDM Datasheet HTML 10Page - Analog Devices LT8393EUFDM Datasheet HTML 11Page - Analog Devices LT8393EUFDM Datasheet HTML 12Page - Analog Devices LT8393EUFDM Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LT8393
9
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
VREF Voltage vs Temperature
VREF Voltage vs VIN
VREF UVLO Threshold
TA = 25°C, unless otherwise noted.
V(ISP-ISN) Regulation vs VCTRL
V(ISP-ISN) Regulation vs VISP
V(ISP-ISN) Regulation
vs Temperature
EN/UVLO Enable Threshold
EN/UVLO Hysteresis Current
CTRL Dim-Off Threshold
TEMPERATURE (°C)
–50
1.96
2.03
2.02
2.01
2.00
1.99
1.98
1.97
2.04
50
75 100 125 150
8393 G13
–25
0
25
IVREF = 0mA
IVREF = 1mA
VIN (V)
0
1.96
2.03
2.02
2.01
2.00
1.99
1.98
1.97
2.04
30
40
50
60
8393 G14
10
20
IVREF = 100µA
TEMPERATURE (°C)
–50
1.70
1.95
1.90
1.85
1.80
1.75
2.00
25
50
75 100 125 150
8393 G15
–25
0
RISING
FALLING
TEMPERATURE (°C)
–50
1.200
1.235
1.230
1.225
1.220
1.215
1.210
1.205
1.240
25
50
75 100 125 150
8393 G16
–25
0
RISING
FALLING
TEMPERATURE (°C)
–50
2.0
2.8
2.6
2.4
2.2
3.0
25
50
75 100 125 150
8393 G17
–25
0
TEMPERATURE (°C)
–50
0.10
0.25
0.20
0.15
0.30
25
50
75 100 125 150
8393 G18
–25
0
RISING
FALLING
VCTRL (V)
0.00
0
100
75
50
25
125
0.75 1.00 1.25 1.50 1.75 2.00
8393 G19
0.25 0.50
VISP (V)
0
94
104
102
100
98
96
106
40
60
80
100
8393 G20
20
TEMPERATURE (°C)
–50
94
104
102
100
98
96
106
–25
100 125 150
0
25
50
8393 G21
75
ISP=100V
ISP=12V
ISP=0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com