Electronic Components Datasheet Search
  English  ▼

X  

LT8393EUFDM Datasheet(PDF) 12 Page - Analog Devices

Part # LT8393EUFDM
Description  60VIN, 100VOUT Synchronous 4-Switch Buck-Boost LED Driver Controller with Low EMI
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8393EUFDM Datasheet(HTML) 12 Page - Analog Devices

Back Button LT8393EUFDM Datasheet HTML 8Page - Analog Devices LT8393EUFDM Datasheet HTML 9Page - Analog Devices LT8393EUFDM Datasheet HTML 10Page - Analog Devices LT8393EUFDM Datasheet HTML 11Page - Analog Devices LT8393EUFDM Datasheet HTML 12Page - Analog Devices LT8393EUFDM Datasheet HTML 13Page - Analog Devices LT8393EUFDM Datasheet HTML 14Page - Analog Devices LT8393EUFDM Datasheet HTML 15Page - Analog Devices LT8393EUFDM Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LT8393
12
Rev. A
For more information www.analog.com
PIN FUNCTIONS
PWM: PWM Dimming Input. The PWM pin can be used
in two ways: external PWM dimming and internal PWM
dimming. For external PWM dimming, drive this pin with
a digital pulse from 0V to a voltage higher than 1.5V to
control PWM dimming of the LED string. Make sure the
RP pin is tied to ground in this case. For internal PWM
dimming, apply an analog voltage between 1V and 2V to
generate an internal digital pulse by comparing with the
internal ramp. If PWM dimming is not used, tie this pin to
INTVCC. Forcing the pin low turns off TG1 and TG2, turns
on BG1 and BG2, disconnects the VC pin from all internal
loads, and turns off PWMTG.
PWMTG: PWM Dimming Top Gate Drive. A buffered and
inverted version of the PWM input signal, the PWMTG
pin drives an external high side PMOS PWM switch with
a voltage swing from the higher voltage of (VOUT –10V)
and 1V to VOUT. Leave this pin unconnected if not used.
VOUT: Output Supply. The VOUT pin must be tied to the
power output to determine the buck, buck-boost, or boost
operation regions. The VOUTpinalsoservesaspositiverail
for the PWMTG drive. Locally bypass this pin to ground
with a minimum 1µF ceramic capacitor.
BST2: Boost Side Bootstrap Floating Driver Supply. The
BST2 pin requires an external bootstrap Schottky diode
from the INTVCC pin and requires an external bootstrap
capacitor to the SW2 pin.
TG2: Boost Side Top Gate Drive. Drives the gate of boost
side top N-Channel MOSFET with a voltage swing from
SW2 to BST2.
SW2: Boost Side Switch Node.
BG2: Boost Side Bottom Gate Drive. Drives the gate of
boost side bottom N-Channel MOSFET with a voltage
swing from ground to INTVCC.
INTVCC: Internal 5V Linear Regulator Output. The INTVCC
linear regulator is supplied from the VIN pin, and powers
the internal control circuitry and gate drivers. Locally
bypass this pin to ground with a minimum 4.7µF ceramic
capacitor.
BG1: Buck Side Bottom Gate Drive. Drives the gate of buck
side bottom N-channel MOSFET with a voltage swing from
ground to INTVCC.
SW1: Buck Side Switch Node.
TG1: Buck Side Top Gate Drive. Drives the gate of buck
side top N-channel MOSFET with a voltage swing from
SW1 to BST1.
BST1: Buck Side Bootstrap Floating Driver Supply. The
BST1 pin has an integrated bootstrap Schottky diode
from the INTVCC pin and requires an external bootstrap
capacitor to the SW1 pin.
LSN: Negative Terminal of the Buck Side Inductor Current
Sense Resistor (RSENSE). Ensure accurate current sense
with Kelvin connection.
LSP: Positive Terminal of the Buck Side Inductor Current
Sense Resistor (RSENSE). Ensure accurate current sense
with Kelvin connection.
VIN: Input Supply. The VIN pin must be tied to the power
inputtodeterminethebuck,buck-boost,orboostoperation
regions. Locally bypass this pin to ground with a minimum
1µF ceramic capacitor.
GND (Exposed Pad): Ground. Solder the exposed pad
directly to the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com