Electronic Components Datasheet Search
  English  ▼

X  

LT8393EUFDM Datasheet(PDF) 21 Page - Analog Devices

Part # LT8393EUFDM
Description  60VIN, 100VOUT Synchronous 4-Switch Buck-Boost LED Driver Controller with Low EMI
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8393EUFDM Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8393EUFDM Datasheet HTML 17Page - Analog Devices LT8393EUFDM Datasheet HTML 18Page - Analog Devices LT8393EUFDM Datasheet HTML 19Page - Analog Devices LT8393EUFDM Datasheet HTML 20Page - Analog Devices LT8393EUFDM Datasheet HTML 21Page - Analog Devices LT8393EUFDM Datasheet HTML 22Page - Analog Devices LT8393EUFDM Datasheet HTML 23Page - Analog Devices LT8393EUFDM Datasheet HTML 24Page - Analog Devices LT8393EUFDM Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LT8393
21
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
The RDS(ON) and DCR increase at higher junction tem-
peratures and the process variation have been included
in the calculation above.
In order to select the power MOSFETs, the power dis-
sipated by the device must be known. For switch A, the
maximumpowerdissipationhappensinboostregion,when
it remains on all the time. Its maximum power dissipation
at maximum output current is given by:
PA(BOOST) =
ILED(MAX)•VOUT
VIN
⎛
⎝
⎜
⎞
⎠
⎟
2
•ρT •RDS(ON)
where ρT is a normalization factor (unity at 25°C) ac-
counting for the significant variation in on-resistance with
temperature, typically 0.4%/°C as shown in Figure 11. For
a maximum junction temperature of 125°C, using a value
of ρT = 1.5 is reasonable.
Figure 11. Normalized RDS(ON) vs Temperature
where CRSS is usually specified by the MOSFET manufac-
turers. The constant k, which accounts for the loss caused
by reverse recovery current, is inversely proportional to
the gate drive current and has an empirical value of 1.7.
For switch D, the maximum power dissipation happens in
boost region, when its duty cycle is higher than 50%. Its
maximum power dissipation at maximum output current
is given by:
PD(BOOST) =
VOUT
VIN
•ILED(MAX)
2•ρ
T •RDS(ON)
For the same output voltage and current, typically switch
A has the highest power dissipation in buck region at
VIN(MAX) and switch C has the highest power dissipation
in boost region at VIN(MIN).
From a known power dissipated in the power MOSFET, its
junction temperature can be obtained using the following
formula:
TJ = TA + P • RTH(JA)
The junction-to-ambient thermal resistance RTH(JA) in-
cludes the junction-to-case thermal resistance RTH(JC)
and the case-to-ambient thermal resistance RTH(CA). This
value of TJ can then be compared to the original, assumed
value used in the iterative calculation process.
Optional Schottky Diode (DB, DD) Selection
The optional Schottky diodes DB (in parallel with switch B)
and DD (in parallel with switch D) conduct during the
dead time between the conduction of the power MOSFET
switches. They are intended to prevent the body diode of
synchronousswitchesBandDfromturningonandstoring
charge during the dead time. In particular, DB significantly
reduces reverse recovery current between switch B turn-
off and switch A turn-on, and DD significantly reduces
reverse recovery current between switch D turn-off and
switch C turn-on. They improve converter efficiency and
reduce switch voltage stress. In order for the diode to be
effective, the inductance between it and the synchronous
switch must be as small as possible, mandating that these
components be placed adjacently.
JUNCTION TEMPERATURE (°C)
–50
1.0
1.5
150
8393 F11
0.5
0
0
50
100
2.0
Switch B operates in buck region as the synchronous
rectifier. Its power dissipation at maximum output cur-
rent is given by:
PB(BUCK) =
VIN−VOUT
VIN
•ILED(MAX)
2•ρT•RDS(ON)
Switch C operates in boost region as the control switch.
Its power dissipation at maximum current is given by:
PC(BOOST) =
(VOUT−VIN)•VOUT
VIN2
•ILED(MAX)
2•ρT
•RDS(ON)+k•VOUT
3•
ILED(MAX)
VIN
•CRSS•f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com