Electronic Components Datasheet Search
  English  ▼

X  

LT3922 Datasheet(PDF) 13 Page - Analog Devices

Part # LT3922
Description  60VIN, 100VOUT Synchronous 4-Switch Buck-Boost LED Driver Controller with Low EMI
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3922 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT3922 Datasheet HTML 9Page - Analog Devices LT3922 Datasheet HTML 10Page - Analog Devices LT3922 Datasheet HTML 11Page - Analog Devices LT3922 Datasheet HTML 12Page - Analog Devices LT3922 Datasheet HTML 13Page - Analog Devices LT3922 Datasheet HTML 14Page - Analog Devices LT3922 Datasheet HTML 15Page - Analog Devices LT3922 Datasheet HTML 16Page - Analog Devices LT3922 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LT8393
13
Rev. A
For more information www.analog.com
BLOCK DIAGRAM
+
–
+
–
–
+
+
EA2
+
–
+
–
+
–
–
+
+
–
+
–
+
–
+
–
+
+
–
EA1
+
–
A2=10
A1
A3
5V LDO
2V REF
INTVCC
VREF
RT
SYNC/SPRD
CTRL
0.2V
FBOV
ISOC
FB
OSC
VOS
1.05V
VISP-ISN
0.75V
PEAK_BOOST
PWMON
VOUT/BST2
VIN/BST1
PWM
SS
GND
ISN
8393 BD
ISP
0.25V
CTRL
1.25V
1V
FB
BST2
TG2
SW2
BG2
BG1
SW1
TG1
BST1
GND
GND
VC
VIS
PWMON
0.1V
0.95V
1.25µA
10µA
12.5µA
0.25V
FB
LED
FAULT
LOGIC
INHIBIT
SWITCH
FB
OPEN
SHORT
VIS
PWMTG
FAULT
RP
VOUT
PWMON
VREF
VOUT –10V
EN/UVLO
1.220V
2.5µA
VIN
LSN
LSP
INT/EXT
PWM
A4
INTVCC
INTVCC
INTVCC
PWMON
PEAK_BUCK
BOOST
LOGIC
BUCK
LOGIC
CHARGE
CONTROL
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com