Electronic Components Datasheet Search
  English  ▼

X  

LT3922 Datasheet(PDF) 20 Page - Analog Devices

Part # LT3922
Description  60VIN, 100VOUT Synchronous 4-Switch Buck-Boost LED Driver Controller with Low EMI
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3922 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT3922 Datasheet HTML 16Page - Analog Devices LT3922 Datasheet HTML 17Page - Analog Devices LT3922 Datasheet HTML 18Page - Analog Devices LT3922 Datasheet HTML 19Page - Analog Devices LT3922 Datasheet HTML 20Page - Analog Devices LT3922 Datasheet HTML 21Page - Analog Devices LT3922 Datasheet HTML 22Page - Analog Devices LT3922 Datasheet HTML 23Page - Analog Devices LT3922 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LT8393
20
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
RSENSE Selection and Maximum Output Current
RSENSE is chosen based on the required output current.
The duty cycle independent maximum current sense
thresholds (50mV in peak-buck and 50mV in peak-boost)
set the maximum inductor peak current in buck region,
buck-boost region, and boost region.
In boost region, the lowest maximum average load current
happens at VIN(MIN) and can be calculated as:
IOUT(MAX_BOOST) =
50mV
RSENSE
−
ΔIL(BOOST)
2
⎛
⎝⎜
⎞
⎠⎟
•
VIN(MIN)
VOUT
where ∆IL(BOOST) is peak-to-peak inductor ripple current
in boost region and can be calculated as:
ΔIL(BOOST) =
VIN(MIN)•(VOUT− VIN(MIN))
f
•L•VOUT
In buck region, the lowest maximum average load current
happens at VIN(MAX) and can be calculated as:
IOUT(MAX_BUCK) =
50mV
RSENSE
−
ΔIL(BUCK)
2
⎛
⎝⎜
⎞
⎠⎟
where ∆IL(BUCK) is peak-to-peak inductor ripple current in
buck region and can be calculated as:
ΔIL(BUCK) =
VOUT•(VIN(MAX)− VOUT)
f
•L•VIN(MAX)
The maximum current sense RSENSE in boost region is:
RSENSE(BOOST) =
2
•50mV•VIN(MIN)
2
•ILED(MAX)•VOUT+ ΔIL(BOOST)•VIN(MIN)
The maximum current sense RSENSE in buck region is
RSENSE(BUCK) =
2
•50mV
2
•ILED(MAX)+ ΔIL(BUCK)
The final RSENSE value should be lower than the calculated
RSENSE in both buck and boost regions. A 20% to 30%
margin is usually recommended.
Power MOSFET Selection
The LT8393 requires four external N-channel power MOS-
FETs, two for the top switches (switches A and D shown
in Figure 1) and two for the bottom switches (switches B
and C shown in Figure 1). Important parameters for the
power MOSFETs are the breakdown voltage VBR(DSS),
threshold voltage VGS(TH), on-resistance RDS(ON), reverse
transfercapacitanceCRSSandmaximumcurrentIDS(MAX).
To achieve high frequency operation, the power MOSFET
selection is critical. With typical 60ns shoot-through
protection dead time, high performance power MOSFETs
with low Qg and low RDS(ON) must be used.
Since the gate drive voltage is set by the 5V INTVCCsupply,
logic-level threshold MOSFETs must be used in LT8393
applications.SwitchingfourMOSFETsathigherfrequency,
the substantial gate charge current from INTVCC can be
estimated as:
IINTVCC = f • QgA + QgB + QgC + QgD
(
)
where:
f is the switching frequency
QgA,QgB,QgC,QgDarethetotalgatechargesofMOSFETs
A, B, C, D at 5V VGS
Make sure the total required INTVCC current not exceeding
the INTVCC current limit in the data sheet.
The LT8393 uses the VIN/VOUT ratio to transition between
modes and regions. Bigger IR drop in the power path
caused by improper MOSFET and inductor selection may
prevent the LT8393 from smooth transition. Make sure
that low RDS(ON) MOSFETs and low DCR inductor are
used to satisfy:
ILED(MAX) ≤
0.025 • VOUT
RA,B+RC,D+RSENSE+RL
where:
RA,B is the maximum RDS(ON) of MOSFETs A or B at 25°C
RC,D is the maximum RDS(ON) of MOSFETs C or D at 25°C
RL is the maximum DCR resistor of inductor at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com